Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 37Page - NXP Semiconductors IMX7SCEC Datasheet HTML 38Page - NXP Semiconductors IMX7SCEC Datasheet HTML 39Page - NXP Semiconductors IMX7SCEC Datasheet HTML 40Page - NXP Semiconductors IMX7SCEC Datasheet HTML 41Page - NXP Semiconductors IMX7SCEC Datasheet HTML 42Page - NXP Semiconductors IMX7SCEC Datasheet HTML 43Page - NXP Semiconductors IMX7SCEC Datasheet HTML 44Page - NXP Semiconductors IMX7SCEC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
41
4.6
I/O AC parameters
This section includes the AC parameters of the following I/O types:
• General Purpose I/O (GPIO)
• Double Data Rate I/O (DDR) for LPDDR2, LPDDR3 and DDR3/DDR3L modes
• Differential I/O (CCM_CLK1)
The GPIO and DDR I/O load circuit and output transition time waveforms are shown in Figure 6 and
Figure 7.
Figure 6. Load circuit for output
Figure 7. Output transition time waveform
4.6.1
General purpose I/O AC parameters
This section presents the I/O AC parameters for GPIO in different modes. Note that the fast or slow I/O
behavior is determined by the appropriate control bits in the IOMUXC control registers.
Icc-ovdd-lp Tri-state I/O supply current in
low-power mode
ipp_pwr_stable_b_1p8 =1
(means 1.8 V)
vddi is OFF
irefin disabled (0 uA)
0.35
1
uA
Icc-vddi
Tri-state core supply current ipp_ibe=ipp_obe=0
irefin disabled (0 uA)
0.8
Icc
Power supply current (ovdd) Rload=100  between padp
and padn
4.7
mA This is not including
current through
external
Rload=100 
1 VOH_max = Vos_max + Vod_max/2 = 1.1+0.225 = 1.325 V. VOH_min = Vos_min + Vod_min/2 = 0.9+0.125 = 1.025 V.
2 VOL_max = Vos_max - Vod_min/2 = 1.1-0.125 = 0.975 V. VOL_min = Vos_min - Vod_max/2 = 0.9 - 0.225 = 0.675 V
Table 27. Differential clock I/O DC electrical characteristics(continued)
Symbol
Parameter
Test conditions
Min
Typ Max Unit
Notes
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
0 V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com