Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 76 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 72Page - NXP Semiconductors IMX7SCEC Datasheet HTML 73Page - NXP Semiconductors IMX7SCEC Datasheet HTML 74Page - NXP Semiconductors IMX7SCEC Datasheet HTML 75Page - NXP Semiconductors IMX7SCEC Datasheet HTML 76Page - NXP Semiconductors IMX7SCEC Datasheet HTML 77Page - NXP Semiconductors IMX7SCEC Datasheet HTML 78Page - NXP Semiconductors IMX7SCEC Datasheet HTML 79Page - NXP Semiconductors IMX7SCEC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
76
4.10.1.1 ECSPI Master mode timing
Figure 44 depicts the timing of ECSPI in master mode. Table 52 lists the ECSPI master mode timing
characteristics.
Figure 44. ECSPI Master mode timing diagram
Table 52. ECSPI Master mode timing parameters
ID
Parameter
Symbol
Min
Max Unit
CS1 ECSPIx_SCLK Cycle Time–Read
ECSPIx_SCLK Cycle Time–Write
tclk
43
15
—
ns
CS2 ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
21.5
7
—
ns
CS3 ECSPIx_SCLK Rise or Fall1
1 See specific I/O AC parameters Section 4.6, “I/O AC parameters.”
tRISE/FALL
—
—
ns
CS4 ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5 ECSPIx_SS_B Lead Time (CS setup time)
tSCS
Half ECSPIx_SCLK period - 4
—
ns
CS6 ECSPIx_SS_B Lag Time (CS hold time)
tHCS
Half ECSPIx_SCLK period - 2
—
ns
CS7 ECSPIx_MOSI Propagation Delay (CLOAD = 20 pF)
tPDmosi
-1
1
ns
CS8 ECSPIx_MISO Setup Time
tSmiso
18
—
ns
CS9 ECSPIx_MISO Hold Time
tHmiso
0
—
ns
CS10 RDY to ECSPIx_SS_B Time2
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
tSDRY
5
—
ns
CS7
CS2
CS2
CS4
CS6
CS5
CS8
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MOSI
ECSPIx_MISO
ECSPIx_RDY_B
CS10
CS3
CS3
CS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com