Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 37 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 37 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 33Page - SPANSION MBM29F040C Datasheet HTML 34Page - SPANSION MBM29F040C Datasheet HTML 35Page - SPANSION MBM29F040C Datasheet HTML 36Page - SPANSION MBM29F040C Datasheet HTML 37Page - SPANSION MBM29F040C Datasheet HTML 38Page - SPANSION MBM29F040C Datasheet HTML 39Page - SPANSION MBM29F040C Datasheet HTML 40Page - SPANSION MBM29F040C Datasheet HTML 41Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
36
MBM29F040C-55/-70/-90
s ERASE AND PROGRAMMING PERFORMANCE
s TSOP(I) PIN CAPACITANCE
Note: Test conditions TA = 25°C, f = 1.0 MHz
s PLCC PIN CAPACITANCE
Note: Test conditions TA = 25°C, f = 1.0 MHz
Parameter
Limits
Unit
Comments
Min.
Typ.
Max.
Sector Erase Time
—
1
8
sec
Excludes 00H programming
prior to erasure
Byte Programming Time
—
8
150
µs
Excludes system-level
overhead
Chip Programming Time
—
4.2
10
sec
Excludes system-level
overhead
Erase/Program Cycle
100,000
—
—
cycles
Parameter
Symbol
Parameter Description
Test Setup
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0
7
8
pF
COUT
Output Capacitance
VOUT = 0
8
10
pF
CIN2
Control Pin Capacitance
VIN = 0
8.5
10
pF
Parameter
Symbol
Parameter Description
Test Setup
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0
7
8
pF
COUT
Output Capacitance
VOUT = 0
8
10
pF
CIN2
Control Pin Capacitance
VIN = 0
8.5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com