Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 18 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 18 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 14Page - SPANSION MBM29F040C Datasheet HTML 15Page - SPANSION MBM29F040C Datasheet HTML 16Page - SPANSION MBM29F040C Datasheet HTML 17Page - SPANSION MBM29F040C Datasheet HTML 18Page - SPANSION MBM29F040C Datasheet HTML 19Page - SPANSION MBM29F040C Datasheet HTML 20Page - SPANSION MBM29F040C Datasheet HTML 21Page - SPANSION MBM29F040C Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
17
MBM29F040C-55/-70/-90
DQ2
Toggle Bit II
This Toggle Bit II, along with DQ6, can be used to determine whether the devices are in the Embedded Erase
Algorithm or in Erase Suspend.
Successive reads from the erasing sector will cause DQ2 to toggle during the Embedded Erase Algorithm. If the
devices are in the erase-suspended-read mode, successive reads from the erase-suspended sector will cause
DQ2 to toggle. When the devices are in the erase-suspended-program mode, successive reads from the byte
address of the non-erase suspended sector will indicate a logic “1” at the DQ2 bit.
DQ6 is different from DQ2 in that DQ6 toggles only when the standard program or Erase, or Erase Suspend
Program operation is in progress. The behavior of these two status bits, along with that of DQ7, is summarized
as follows:
Notes: 1. These status flags apply when outputs are read from a sector that has been erase-suspended.
2. These status flags apply when outputs are read from the byte address of the non-erase suspended sector.
Data Protection
The MBM29F040C is designed to offer protection against accidental erasure or programming caused by spurious
system level signals that may exist during power transitions. During power up the device automatically resets
the internal state machine in the Read mode. Also, with its control register architecture, alteration of the memory
contents only occurs after successful completion of specific multi-bus cycle command sequences.
The device also incorporates several features to prevent inadvertent write cycles resulting form VCC power-up
and power-down transitions or system noise.
Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up and power-down, a write cycle is locked out for VCC less
than 3.2 V (typically 3.7 V). If VCC < VLKO, the command register is disabled and all internal program/erase circuits
are disabled. Under this condition the device will reset to the read mode. Subsequent writes will be ignored
until the VCC level is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE, CE, or WE will not initiate a write cycle.
Logical Inhibit
Writing is inhibited by holding any one of OE = VIL, CE = VIH, or WE = VIH. To initiate a write cycle CE and WE
must be a logical zero while OE is a logical one.
Mode
DQ7
DQ6
DQ2
Program
DQ7
toggles
1
Erase
0
toggles
toggles
Erase Suspend Read
(Erase-Suspended Sector)
(Note 1)
1
1
toggles
Erase Suspend Program
DQ7 (Note 2)
toggles
1 (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com