Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 23 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 23 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 19Page - SPANSION MBM29F040C Datasheet HTML 20Page - SPANSION MBM29F040C Datasheet HTML 21Page - SPANSION MBM29F040C Datasheet HTML 22Page - SPANSION MBM29F040C Datasheet HTML 23Page - SPANSION MBM29F040C Datasheet HTML 24Page - SPANSION MBM29F040C Datasheet HTML 25Page - SPANSION MBM29F040C Datasheet HTML 26Page - SPANSION MBM29F040C Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
22
MBM29F040C-55/-70/-90
s AC CHARACTERISTICS
•
Read Only Operations Characteristics
Note: 1. Test Conditions:
Output Load: 1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to3.0 V
Timing measurement reference level
Input: 1.5 V
Output: 1.5 V
Parameter
Symbols
Description
Test Setup
-55
(Note1)
-70
(Note2)
-90
(Note2)
Unit
JEDEC
Standard
tAVAV
tRC
Read Cycle Time
—
Min.
55
70
90
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max.
55
70
90
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL
Max.
55
70
90
ns
tGLQV
tOE
Output Enable to Output Delay
—
Max.
30
30
35
ns
tEHQZ
tDF
Chip Enable to Output HIGH-Z
—
Max.
20
20
20
ns
tGHQZ
tDF
Output Enable to Output HIGH-Z
—
Max.
20
20
20
ns
tAXQX
tOH
Output Hold Time From
Addresses,
CE or OE, Whichever Occurs First
—Min.
0
0
0
ns
Figure 4
Test Conditions
CL
5.0 V
Diodes = IN3064
or Equivalent
2.7 k
Ω
Device
Under
Test
IN3064
or Equivalent
6.2 k
Ω
Note: 1.CL = 30 pF including jig capacitance
2.CL = 100 pF including jig capacitance
Note: 2. Test Conditions:
Oput Load: 1 TTL gate and 100 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.45 V to 2.4 V
Timing measurement reference level
Input: 0.8 and 2.0 V
Output: 0.8 and 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com