Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 2 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 2 Page - SPANSION

  MBM29F040C Datasheet HTML 1Page - SPANSION MBM29F040C Datasheet HTML 2Page - SPANSION MBM29F040C Datasheet HTML 3Page - SPANSION MBM29F040C Datasheet HTML 4Page - SPANSION MBM29F040C Datasheet HTML 5Page - SPANSION MBM29F040C Datasheet HTML 6Page - SPANSION MBM29F040C Datasheet HTML 7Page - SPANSION MBM29F040C Datasheet HTML 8Page - SPANSION MBM29F040C Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
DS05-20842-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
Embedded Erase™, Embedded Program™ and ExpressFlash™ are trademarks of Advanced Micro Devices, Inc.
FLASH MEMORY
CMOS
4M (512K
× 8) BIT
MBM29F040C-55/-70/-90
s FEATURES
•
Single 5.0 V read, program and erase
Minimizes system level power requirements
•
Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
•
Compatible with JEDEC-standard byte-wide pinouts
32-pin PLCC (Package suffix: PD)
32-pin TSOP(I) (Package suffix: PF)
32-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
•
Minimum 100,000 write/erase cycles
•
High performance
55 ns maximum access time
•
Sector erase architecture
8 equal size sectors of 64K bytes each
Any combination of sectors can be concurrently erased. Also supports full chip erase.
•
Embedded Erase™ Algorithms
Automatically pre-programs and erases the chip or any sector
•
Embedded Program™ Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
•Low VCC write inhibit
≤ 3.2 V
•
Sector protection
Hardware method disables any combination of sectors from write or erase operations
•
Erase Suspend/Resume
Suspends the erase operation to allow a read data in another sector within the same device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com