Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 21 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 21 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 17Page - SPANSION MBM29F040C Datasheet HTML 18Page - SPANSION MBM29F040C Datasheet HTML 19Page - SPANSION MBM29F040C Datasheet HTML 20Page - SPANSION MBM29F040C Datasheet HTML 21Page - SPANSION MBM29F040C Datasheet HTML 22Page - SPANSION MBM29F040C Datasheet HTML 23Page - SPANSION MBM29F040C Datasheet HTML 24Page - SPANSION MBM29F040C Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
20
MBM29F040C-55/-70/-90
s MAXIMUM OVERSHOOT
Figure 1
Maximum Negative Overshoot Waveform
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
Figure 2
Maximum Positive Overshoot Waveform 1
+2.0 V
VCC+0.5 V
20 ns
VCC+2.0 V
20 ns
20 ns
VCC+0.5 V
+13.0 V
20 ns
+14.0 V
20 ns
20 ns
Figure 3
Maximum Positive Overshoot Waveform 2
* : This waveform is applied for A9, OE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com