Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 8 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 8 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 4Page - SPANSION MBM29F040C Datasheet HTML 5Page - SPANSION MBM29F040C Datasheet HTML 6Page - SPANSION MBM29F040C Datasheet HTML 7Page - SPANSION MBM29F040C Datasheet HTML 8Page - SPANSION MBM29F040C Datasheet HTML 9Page - SPANSION MBM29F040C Datasheet HTML 10Page - SPANSION MBM29F040C Datasheet HTML 11Page - SPANSION MBM29F040C Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
7
MBM29F040C-55/-70/-90
s LOGIC SYMBOL
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse Input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 5.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
Table 1
MBM29F040C Pin Configuration
Pin
Function
A0 to A18
Address Inputs
DQ0 to DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VSS
Device Ground
VCC
Device Power Supply
Table 2
MBM29F040C User Bus Operations
Operation
CE
OE
WE
A0
A1
A6
A9
I/O
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
Code
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
Standby
H
XXXXXX
HIGH-Z
Output Disable
L
H
H
XXXX
HIGH-Z
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
Enable Sector Protection (2)
L
VID
XXX
VID
X
Verify Sector Protection (2)
L
L
H
L
H
L
VID
Code
19
A0 to A18
WE
OE
CE
DQ0 to DQ7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com