Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 38 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 38 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 33Page - SPANSION MBM29F040C Datasheet HTML 34Page - SPANSION MBM29F040C Datasheet HTML 35Page - SPANSION MBM29F040C Datasheet HTML 36Page - SPANSION MBM29F040C Datasheet HTML 37Page - SPANSION MBM29F040C Datasheet HTML 38Page - SPANSION MBM29F040C Datasheet HTML 39Page - SPANSION MBM29F040C Datasheet HTML 40Page - SPANSION MBM29F040C Datasheet HTML 41Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
37
MBM29F040C-55/-70/-90
s PACKAGE DIMENSIONS
(Continued)
+0.05
–0.02
+.002
–.001
INDEX
0.10(.004)
0.20
.008
(.410±.020)
10.41±0.51
TYP
0.66(.026)
TYP
0.43(.017)
REF
10.16(.400)
7.62(.300)REF
(.050±.005)
1.27±0.13
TYP
R0.95(.037)
(.510±.020)
12.95±0.51
(.134±.006)
3.40±0.16
(.089±.015)
2.25±0.38
MIN
0.64(.025)
(.588±.005)
14.94±0.13
(.550±.003)
13.97±0.08
(.487±.005)
12.37±0.13
(.450±.003)
11.43±0.08
14
20
29
21
13
5
30
32
4
1
1994 FUJITSU LIMITED C32021S-2C-4
C
Dimensions in mm(inches)
32-pin plastic QFJ(PLCC)
(LCC-32P-M02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com