Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F040C Datasheet(PDF) 22 Page - SPANSION

Part # MBM29F040C
Description  FLASH MEMORY 4M (512K x 8) BIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F040C Datasheet(HTML) 22 Page - SPANSION

Back Button MBM29F040C Datasheet HTML 18Page - SPANSION MBM29F040C Datasheet HTML 19Page - SPANSION MBM29F040C Datasheet HTML 20Page - SPANSION MBM29F040C Datasheet HTML 21Page - SPANSION MBM29F040C Datasheet HTML 22Page - SPANSION MBM29F040C Datasheet HTML 23Page - SPANSION MBM29F040C Datasheet HTML 24Page - SPANSION MBM29F040C Datasheet HTML 25Page - SPANSION MBM29F040C Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
21
MBM29F040C-55/-70/-90
s DC CHARACTERISTICS
Notes: 1. The ICC current listed includes both the DC operating current and the frequency dependent component
(at 6 MHz). The frequency component typically is 2 mA/MHz, with OE at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. Applicable to sector protection function.
4. (VID – VCC) do not exceed 9 V.
Parameter
Symbol
Parameter Description
Test Conditions
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS to VCC, VCC = VCC Max
—
±1.0
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
—
±1.0
µA
ILIT
A9, OE Input Leakage Current
VCC = VCC Max., A9, OE = 12.0 V
—
50
µA
ICC1
VCC Active Current (Note 1)
CE = VIL, OE = VIH
—30
mA
ICC2
VCC Active Current (Note 2)
CE = VIL, OE = VIH
—45
mA
ICC3
VCC Current (Standby)
VCC = VCC Max., CE = VIH
—1
mA
VCC = VCC Max., CE = VCC±0.3 V
—
5
µA
VIL
Input Low Level
—
–0.5
0.8
V
VIH
Input High Level
—
2.0
VCC+0.3
V
VID
Voltage for Autoselect and Sector
Protection (A9, OE) (Note 3, 4)
VCC = 5.0 V
11.5
12.5
V
VOL
Output Low Voltage Level
IOL = 12.0 mA, VCC = VCC Min
—
0.45
V
VOH1
Output High Voltage Level
IOH = –2.5 mA, VCC = VCC Min
2.4
—
V
VOH2
IOH = –100 µA
VCC–0.4
—
V
VLKO
Low VCC Lock-Out Voltage
—
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com