Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 4 Page - Analog Devices

  LTM4607 Datasheet HTML 1Page - Analog Devices LTM4607 Datasheet HTML 2Page - Analog Devices LTM4607 Datasheet HTML 3Page - Analog Devices LTM4607 Datasheet HTML 4Page - Analog Devices LTM4607 Datasheet HTML 5Page - Analog Devices LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTM4712
4
Rev. 0
For more information www.analog.com
5VOUT Efficiency, 400kHz, FCM
12VOUT Efficiency, 400kHz, FCM
24VOUT Efficiency, 400kHz, FCM
36VOUT Efficiency, 400kHz, FCM
Transient Response, 5VIN to 12VOUT
Transient Response, 12VIN to 12VOUT
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4712 is tested under pulsed-load conditions such that TJ
≈ TA. The LTM4712E is guaranteed to meet performance specifications
from 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical
process controls. The LTM4712I is guaranteed to meet specifications
over the full –40°C to 125°C internal operating temperature range.
Note that the maximum internal temperature is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance.
Note 3: The LTM4712 contains overtemperature protection that is
intended to protect the device during momentary overload conditions. The
internal temperature exceeds the maximum operating junction temperature
when the overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Output voltage lower than 7V requires minimum input voltage
of 7V.
Note 5: See output current derating curves for different VIN, VOUT, and TA,
located in the Applications Information section.
ELECTRICAL CHARACTERISTICS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
73
76
80
83
87
90
94
97
4712 G01
12VIN
24VIN
36VIN
5VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
76
79
82
85
89
92
95
98
4712 G02
12VIN
24VIN
36VIN
5VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
83
85
88
90
92
94
97
99
4712 G03
12VIN
24VIN
36VIN
5VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
83
85
88
90
92
94
97
99
4712 G04
TYPICAL PERFORMANCE CHARACTERISTICS
4712 G05
500 s/DIV
IOUT
2A/DIV
VOUT (AC)
500mV/DIV
fSW = 400kHz
4712 G06
200 s/DIV
IOUT
5A/DIV
VOUT (AC)
500mV/DIV
fSW = 400kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com