Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 15Page - Analog Devices LTM4607 Datasheet HTML 16Page - Analog Devices LTM4607 Datasheet HTML 17Page - Analog Devices LTM4607 Datasheet HTML 18Page - Analog Devices LTM4607 Datasheet HTML 19Page - Analog Devices LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices LTM4607 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTM4712
19
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 23. 12VOUT with Wide Input Voltage Range, 12A IOUT for Buck/Buck-Boost, 6A IOUT for Boost
Figure 24. 2× LTM4712 Parallel to Provide Up to 24A Output Current
100µF
10µF
×4
10nF
140k
2.2µF
2m
100
100
1µF
150µF
9.09k
100k
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
PGOOD
COMPa
VOUT
12V
VIN
5V TO
36V
FREQ
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
100µF
×2
4712 F23
+
PINS NOT USED IN THIS CIRCUIT:
IMON
ISET
CLKOUT
100µF
10µF
×6
10nF
140k
9.09k
2.2µF
140k
9.09k
2.2µF
150µF
×2
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
COMPa
FREQ
CLKOUT
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
LTM4712
VIN
RUN
SS
MODE
SYNC
VOUT
FB
PHMODE
COMPa
FREQ
CLKOUT
GND
ISP
ISN
COMPb
INTVCC
EXTVCC
×6
VOUT
12V,
UP TO
24A
VIN
5V TO
36V
4712 F24
PINS NOT USED
IN THIS CIRCUIT:
IMON
ISET
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com