Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 5 Page - Analog Devices

  LTM4607 Datasheet HTML 1Page - Analog Devices LTM4607 Datasheet HTML 2Page - Analog Devices LTM4607 Datasheet HTML 3Page - Analog Devices LTM4607 Datasheet HTML 4Page - Analog Devices LTM4607 Datasheet HTML 5Page - Analog Devices LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM4712
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
(Buck Region)
Switching Waveforms
(Buck-Boost Region)
Switching Waveforms
(Boost Region)
Start-Up with 5VIN to 12VOUT, FCM
Start-Up with 12VIN to 12VOUT, FCM
Start-Up with 36VIN to 12VOUT, FCM
Transient Response, 36VIN to 12VOUT
Two-Phase Parallel Operation
Load Step (12VIN, 12VOUT)
Two-Phase Parallel Operation
Load Step (12VIN, 12VOUT)
4712 G07
200 s/DIV
IOUT
5A/DIV
VOUT (AC)
500mV/DIV
fSW = 400kHz
4712 G08
IMON2
500mV/DIV
IMON1
500mV/DIV
IOUT
10A/DIV
VOUT (AC)
500mV/DIV
200 s/DIV
fSW = 400kHz
4712 G09
200 s/DIV
IMON2
500mV/DIV
IMON1
500mV/DIV
IOUT
10A/DIV
VOUT (AC)
500mV/DIV
fSW = 400kHz
4712 G10
10 s/DIV
VIN = 24V, VOUT = 12V, IOUT = 12A,
fSW = 400kHz
VOUT (AC)
20mV/DIV
SW1
20V/DIV
SW2
20A/DIV
4712 G11
10 s/DIV
VIN = 12V, VOUT = 12V, IOUT = 12A,
fSW = 400kHz
VOUT (AC)
50mV/DIV
SW1
20V/DIV
SW2
20A/DIV
4712 G12
5 s/DIV
VIN = 10V, VOUT = 12V, IOUT = 6A,
fSW = 400kHz
VOUT (AC)
50mV/DIV
SW1
20V/DIV
SW2
20A/DIV
4712 G13
1ms/DIV
IIN
10A/DIV
VRUN
5V/DIV
VOUT
10V/DIV
VSS
1V/DIV
IOUT = 6A
fSW = 400kHz
CSS = 10nF
4712 G14
1ms/DIV
IIN
10A/DIV
VRUN
5V/DIV
VOUT
10V/DIV
VSS
1V/DIV
IOUT = 12A
fSW = 400kHz
CSS = 10nF
4712 G15
1ms/DIV
IIN
2A/DIV
VRUN
5V/DIV
VOUT
10V/DIV
VSS
1V/DIV
IOUT = 12A
fSW = 400kHz
CSS = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com