Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 11Page - Analog Devices LTM4607 Datasheet HTML 12Page - Analog Devices LTM4607 Datasheet HTML 13Page - Analog Devices LTM4607 Datasheet HTML 14Page - Analog Devices LTM4607 Datasheet HTML 15Page - Analog Devices LTM4607 Datasheet HTML 16Page - Analog Devices LTM4607 Datasheet HTML 17Page - Analog Devices LTM4607 Datasheet HTML 18Page - Analog Devices LTM4607 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTM4712
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3. Power Loss 5VOUT,
400kHz, FCM
Figure 4. Power Loss 12VOUT,
400kHz, FCM
Figure 5. Power Loss
24VOUT, 400kHz, FCM
Figure 6. Power Loss 36VOUT,
400kHz, FCM
Figure 7. 36VIN to 5VOUT,
400kHz, Derating Curve,
No Heat Sink
Figure 8. 24VIN to 5VOUT, 400kHz,
Derating Curve, No Heat Sink
Figure 9. 12VIN to 5VOUT,
400kHz, Derating Curve,
No Heat Sink
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
4712 F03
12VIN
24VIN
36VIN
5VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
4712 F04
12VIN
24VIN
36VIN
5VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
4712 F05
12VIN
24VIN
36VIN
5VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
2
4
7
9
11
4712 F06
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
45
65
85
105
125
0
2
4
6
8
10
12
14
4712 F07
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
45
65
85
105
125
0
2
4
6
8
10
12
14
4712 F08
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
45
65
85
105
125
0
2
4
6
8
10
12
14
4712 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com