Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 13Page - Analog Devices LTM4607 Datasheet HTML 14Page - Analog Devices LTM4607 Datasheet HTML 15Page - Analog Devices LTM4607 Datasheet HTML 16Page - Analog Devices LTM4607 Datasheet HTML 17Page - Analog Devices LTM4607 Datasheet HTML 18Page - Analog Devices LTM4607 Datasheet HTML 19Page - Analog Devices LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTM4712
17
Rev. 0
For more information www.analog.com
PCB Layout
The high integration of LTM4712 makes the PCB layout
very simple and easy. However, to optimize its electrical
and thermal performance, the following layout consider-
ations are still necessary:
• Use large PCB copper areas for high current path,
including VIN, GND, and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high-frequency input and output ceramic capac-
itors next to the VIN, GND, and VOUT pins to minimize
high frequency noise.
APPLICATIONS INFORMATION
Figure 19. 24VIN to 36VOUT,
400kHz, Derating Curve,
No Heat Sink
Figure 20. 12VIN to 36VOUT, 400kHz,
Derating Curve,
No Heat Sink
Figure 21. 5VIN to 36VOUT,
400kHz, Derating Curve,
No Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
45
65
85
105
125
0
2
4
6
8
10
4712 F19
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
45
65
85
105
125
0
1
2
3
4
5
4712 F20
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
45
65
85
105
125
0
1
2
3
4712 F21
• Place a dedicated power ground layer underneath
the unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between the top layer and other power layers.
• Do not put vias directly on pads, unless the vias
are capped.
• Use a separated SGND ground copper area for compo-
nents connected to the signal pins. Connect the SGND
to PGND underneath the unit.
Figure 22 gives a good example of the recommended
PCB layout.
GND
VIN
GND
(a) LTM4712 Top Layer
4712 F22a
C26
C2
C19
C20
C5
C7
VOUT
GND
GND
VIN
GND
(b) LTM4712 Bottom Layer
4712 F22b
C1
C21
C31
C33
C19
VOUT
GND
C28
C29
C30
C37
C15
C27
Figure 22. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com