Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 18Page - Analog Devices LTM4607 Datasheet HTML 19Page - Analog Devices LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices LTM4607 Datasheet HTML 23Page - Analog Devices LTM4607 Datasheet HTML 24Page - Analog Devices LTM4607 Datasheet HTML 25Page - Analog Devices LTM4607 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTM4712
23
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
Table 6. LTM4712 Pin Assignment (Arranged by Pin Number)
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
GND
B1
GND
C1
GND
D1
GND
E1
GND
F1
GND
A2
GND
B2
GND
C2
GND
D2
GND
E2
GND
F2
GND
A3
ISN
B3
INTVCC
C3
GND
D3
GND
E3
GND
F3
GND
A4
ISP
B4
EXTVCC
C4
GND
D4
GND
E4
GND
F4
GND
A5
IMON
B5
ISET
C5
GND
D5
GND
E5
GND
F5
GND
A6
CLKOUT
B6
SYNC
C6
SGND
D6
SGND
E6
GND
F6
GND
A7
FREQ
B7
SGND
C7
SGND
D7
SGND
E7
GND
F7
GND
A8
PGOOD
B8
RUN
C8
GND
D8
GND
E8
GND
F8
GND
A9
PHMODE
B9
FB
C9
GND
D9
GND
E9
GND
F9
GND
A10
MODE
B10
COMPa
C10
GND
D10
GND
E10
GND
F10
GND
A11
SS
B11
COMPb
C11
GND
D11
GND
E11
GND
F11
GND
A12
GND
B12
GND
C12
GND
D12
GND
E12
GND
F12
GND
G1
GND
H1
VIN
J1
VIN
K1
VIN
L1
VIN
M1
VIN
G2
GND
H2
VIN
J2
VIN
K2
VIN
L2
VIN
M2
VIN
G3
GND
H3
GND
J3
GND
K3
GND
L3
GND
M3
GND
G4
GND
H4
GND
J4
GND
K4
GND
L4
GND
M4
GND
G5
GND
H5
GND
J5
GND
K5
SW1
L5
SW1
M5
GND
G6
GND
H6
GND
J6
GND
K6
GND
L6
GND
M6
GND
G7
GND
H7
GND
J7
GND
K7
GND
L7
GND
M7
GND
G8
GND
H8
GND
J8
GND
K8
SW2
L8
SW2
M8
GND
G9
GND
H9
GND
J9
GND
K9
GND
L9
GND
M9
GND
G10
GND
H10
GND
J10
GND
K10
GND
L10
GND
M10
GND
G11
GND
H11
VOUT
J11
VOUT
K11
VOUT
L11
VOUT
M11
VOUT
G12
GND
H12
VOUT
J12
VOUT
K12
VOUT
L12
VOUT
M12
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com