Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 6Page - Analog Devices LTM4607 Datasheet HTML 7Page - Analog Devices LTM4607 Datasheet HTML 8Page - Analog Devices LTM4607 Datasheet HTML 9Page - Analog Devices LTM4607 Datasheet HTML 10Page - Analog Devices LTM4607 Datasheet HTML 11Page - Analog Devices LTM4607 Datasheet HTML 12Page - Analog Devices LTM4607 Datasheet HTML 13Page - Analog Devices LTM4607 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM4712
10
Rev. 0
For more information www.analog.com
The typical LTM4712 application circuit is shown on the
front page. External component selection is primarily
determined by the input voltage, the output voltage, and
the maximum load current.
Output Voltage Programming
The PWM controller has an internal 1V reference voltage.
A 100k internal feedback resistor connects VOUT and FB
pins together. Adding a resistor RFB from the FB pin to
GND programs the output voltage (see Equation 1).
RFB (kΩ) =
100
VOUT 1
(1)
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT (V)
3.3
5
8
12
16
20
24
28
RFB (k)
43.5
25
14.3
9.09
6.67
5.23
4.35
3.74
For parallel operation of N-channels LTM4712,
Equation 2 can be used to solve for RFB.
RFB (kΩ) =
100
N • VOUT 1
(2)
Operating Frequency Selection and Phase-Locked
Loop (FREQ, SYNC, PHMODE and CLKOUT Pins)
The switching frequency of the LTM4712 can be selected
using the FREQ pin. If the SYNC pin is not being driven
by an external clock source, the FREQ pin is used to pro-
gram the controller’s operating frequency from 100kHz to
600kHz. Switching frequency is determined by the voltage
on the FREQ pin. Since there is a precision 10μA current
flowing out of the FREQ pin, program the controller’s
switching frequency with a single resistor to SGND (e.g.,
the FREQ pin voltage is 1.58V with 158k resistor from the
FREQ pin to SGND). Table 2 provides a list of RT resistor
values and their resultant frequencies.
APPLICATIONS INFORMATION
Table 2. Switching Frequency vs RT Value
FREQUENCY
(kHz)
RT VALUE
(kΩ)
100
58
200
80
300
120
400
140
500
170
600
200
A phase-locked loop (PLL) is integrated to synchronize the
internal oscillator to an external clock source driving the
SYNC pin. The PLL is capable of locking to any frequency
within the range of 100kHz to 600kHz. The frequency set-
ting resistor at FREQ pin should always be present to set
the controller’s initial switching frequency before locking
to the external clock or in any cases the external clock is
missing during the operation. The CLKOUT pin is a clock
signal output with the same frequency as the internal
oscillator with phase shift programmed by the PHMODE
pin. It can be used in multi-IC parallel applications by
passing the clock signal of the first IC to the SYNC pin of
the second IC for frequency synchronization. The phase
shift can be programmed based on Table 3.
Table 3. PHMODE Setting vs CLKOUT Phase Shift
PHMODE PIN
CLKOUT PHASE SHIFT REFERS TO
THE INTERNAL OSCILLATOR
SGND
180°
FLOAT
120°
INTVCC
90°
Input Decoupling Capacitors
In boost mode, since the input current is continuous,
only minimum input capacitors are required. However,
the input current is discontinuous in buck mode. So the
selection of input capacitor CIN is driven by the need of
filtering the input square wave current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com