Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4607
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4607 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 14Page - Analog Devices LTM4607 Datasheet HTML 15Page - Analog Devices LTM4607 Datasheet HTML 16Page - Analog Devices LTM4607 Datasheet HTML 17Page - Analog Devices LTM4607 Datasheet HTML 18Page - Analog Devices LTM4607 Datasheet HTML 19Page - Analog Devices LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTM4712
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 4. Bulk and Ceramic Capacitor Manufacturers
CIN (BULK)
COUT (BULK)
VENDORS
VALUE
PART NUMBER
VENDORS
VALUE
PART NUMBER
Panasonic
150μF, 50V
EEEFK1H151P
Panasonic
100μF, 16V
16TQC100MYF
CIN (CERAMIC)
COUT (CERAMIC)
VENDORS
VALUE
PART NUMBER
VENDORS
VALUE
PART NUMBER
AVX
0.1μF, 50V, 0805, X7R
08055C104KAT2A
AVX
0.1μF, 50V, 0805, X7S
08055C104KAT2A
Murata
10μF, 50V, 1210, X7R
GRM32ER71H106KA12L
TDK
22μF, 100V, 1210, X7R
C3225X7R1C226K250AC
Table 5. Component Selection Table for Typical LTM4712 Applications
VIN
(V)
VOUT
(V)
CIN (BULK)
(μF)
CIN (CERAMIC)
(μF)
COUT (BULK)
(μF)
COUT (CERAMIC)
(μF)
RFB
(kΩ)
RFREQ
(kΩ)
12
12
150
10 ×4
100
22 ×4
9.09
140
24
12
150
10 ×4
100
22 ×4
9.09
140
36
12
150
10 ×4
100
22 ×4
9.09
140
24
24
150
10 ×4
82
10 ×8
4.32
140
12
36
150
10 ×4
330 ×2
10 ×8
2.87
140
12
5
150
10 ×4
100
22 ×4
25
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com