Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
2
Model Designation
Technical Specification
Name
CS3E-D503
CS3E-D507
CS3E-D1008
CS3E-D503E
CS3E-D507E
Supply Voltage
20-50VDC
20-50VDC
30-100VDC or
20-80VAC
20-50VDC
20-50VDC
Output Current
(Peak)
0.5-2.5A
1.0-7.0A
2.1-8.0A
0.3-3.0A
0.5-7.0A
Size (H*W*L
mm)
130*90.4*34
151*113*30.5
118*90.4*34
Weight (kg)
0.65
0.85
0.57
Matched Motor
NEMA 11, 14, 17
NEMA 17,23, 24
NEMA23, 24, 34
NEMA 11,14, 17
NEMA 17,23, 24
Input Signals
Home Input, Positive Limit, Negative Limit, Touch Probe, GPIOs
Output Signals
Brake, Alarm, In Position, GPIOs
Protection
Functions
Over Current, Over Voltage, Position Following Error, Encoder Cable Error, etc.
PC Software
Leadshine ProTuner (coming soon)
Operating
Environment
Environment
Avoid dust, oil ,fog and corrosive gases
Operating
Temperature
0-50℃ (32 F – 122 F)
Storage
-20℃-65℃ (-4 F – 149 F)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com