Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
7
9
DO1
O
Configurable Single-ended Digital Outputs
1, OC output, Max. 30V/100mA. Alarm
output (default)
10
DO2
O
Configurable Single-ended Digital Outputs
2, OC output, Max. 30V/100mA. Brake
output (default)
Note: only available for CS3E-D***E models.
CN5-EtherCAT Communication Connector
Name
Pic
PIN
Signal
Description
CN5
1, 9
E_TX+
EtherCAT TxD+
2, 10
E_TX-
EtherCAT TxD-
3, 11
E_RX+
EtherCAT RxD+
4, 12
/
/
5, 13
/
/
6, 14
E_RX-
EtherCAT RxD-
7, 15
/
/
8, 16
/
/
Cover
PE
Shield earthing
Note
(1) LED1 as’Link/Activity IN’ indicator, green
(2) LED3 as’Link/Activity OUT’ indicator, green
(3) LED2 as’RUN’ indicator, green
(4) LED4 as’ERR’ indicator, red
This LED informs EtherCAT communication status. RUN LED, ERROR LED positions at the front side of product
and, Link/Activity LED individually positions at the top of right corner of EtherCAT ports..
Name
Color
Statue
Description
LED1
Green
OFF
Link not established in physical layer
ON
Link established in physical layer
Flickering
In operation after establishing link
LED3
Green
OFF
Link not established in physical layer
ON
Link established in physical layer
Flickering
In operation after establishing link
Table 3.3 Link/Activity LED status
CN6-Micro USB Tuning Port
Name
Pic
PIN
Signal



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com