Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 6 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 6 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
6
15
O3
O
Configurable
Single-ended
Digital
Outputs
O3,
O4,
O6,
Max.
30V/100mA. Default is GPIO
16
O6
O
17
O4
O
19
O5
O
18
24VB
O
Used for brake signal, connect with
+24 DC of external power supply,
refer to chapter 4.2.5
20
BR+
O
Brake + signal, Max. 24/500mA,
connect with brake coil. It’s shown as
SO7 in Leadshine ProTuner and level
cannot be modified
21
COMO
O
Common connection of single-end
output signals (common-cathode)
22
BR-
O
Brake-signal,
Max.
24/500mA,
connect with brake coil. It’s shown as
SO7 in Leadshine ProTuner and level
cannot be modified
Note: only available for CS3E-D*** models.
Name
Pic
PIN
Signal
I/O
Description
CN3
1
DI5
I
Configurable Single-ended Digital Input
5,12V - 24V, 10KHz,
Negative Limit (default)
2
DI6
I
Configurable Single-ended Digital Input 6,
12V - 24V, 10KHz, GPIO
3
DI3
I
Configurable Single-ended Digital Input 3,
12V - 24V, 10KHz,
Home switch (default)
4
DI4
I
Configurable Single-ended Digital Input
4,12V - 24V, 10KHz,
Positive Limit (default)
5
DI1
I
Configurable Single-ended Digital Input
1,12V - 24V, 10KHz,
Touch Probe 1 (default)
6
DI2
I
Configurable Single-ended Digital Input
2,12V - 24V, 10KHz,
Touch Probe 2 (default)
7
COMI
I
Common anode of external input signals
8
COMO
O
Common ground of digital output signals



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com