Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
5
CN3-Encoder Input Signals Connector
Name
Pic
PIN
Signal
Description
CN3
1
EA+
Encoder signal of phase A+
2
EA-
Encoder signal of phase A-
3
EB+
Encoder signal of phase B+
4
EB-
Encoder signal of phase B-
5
EZ+
Encoder Z+ signal
6
EZ-
Encoder Z- signal
7
VCC
Encoder +5V voltage
8
GND
Encoder ground
9
U
Reserved
10
V
Reserved
11
W
Reserved
Note: only available for CS3E-D*** models
CN4-I/O Signals Connector
Name
Pic
PIN
Signal
I/O
Description
CN4
1
I1+
I
Configurable Differential Digital
Input I1, 3.3V - 5V, 500KHz,
Touch Probe 1 (default)
2
I1-
I
3
I2+
I
Configurable Differential Digital
Input I2, 3.3V - 5V, 500KHz,
Touch Probe 2 (default)
4
I2-
I
5
I3
I
Configurable Single-ended Digital
Inputs I3-I7, 12V - 24V, 10KHz, I3 is
Origin Signal, I4 is Positive Limit, I5
is Negative Limit, I6 and I7 are GPIO
6
I6
I
7
I4
I
8
I7
I
9
I5
I
10
COMI
I
Common connection of single-end
input signals (common-cathode and
common-anode)
11
O1+
O
Configurable Differential Digital
Output O1, Max. 30V/100mA.
Alarm (default).
12
O1-
O
13
O2+
O
Configurable Differential Digital
Output O2, Max. 30V/100mA.
In Position (default).
14
O2-
O



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com