Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
4
Connector and Pin Assignment
CN4
CN3
CN2
CN1
7-Segment
CN5
MSD
LSD
CN6
Name
Description
CN1
Input power connector
CN2
Motor connector
CN3
Encoder input signals connector
CN4
Digital input and output connector
CN5
EtherCAT communication connector
CN6
Micro USB tuning connector
7-Segment
Two 7-Segment display slave ID, velocity, statue machine, operation mode and
error code
MSD
Setting communication high address
LSD
Setting communication low address
CN1-Input Power Connector
Name
Pic
PIN
Signal
Description
CN1
1
GND
GND
2
VDC
24V- 50V
CN2-Motor Connector
Name
Pic
PIN
Signal
Description
CN2
4
A+
Motor phase A+
2
A-
Motor phase A-
3
B+
Motor phase B+
1
B-
Motor phase B-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com