Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
1
CS3E Series Stepper Drive
The newly released CS3E series drives support CANopen over EtherCAT (CoE) control and CiA 402 operating
modes including Profile Position (PP), Profile Velocity (PV), Homing (HM) and Cyclic Synchronous Position (CSP).
The products can be matched with many brands of EtherCAT controller/PLC such as Beckhoff, Omron, Trio,
Keneyce etc.
The CS3E series is highly reliable and affordable and performs excellently in many industrial applications such as
solar equipment, textile, civil, robotics, power generation equipment, 3C, packaging...
Feature
 No loss of step, No hunting, No torque reservation
 CANopen over EtherCAT (CoE) with full support of CiA402,100Mbps full-duplex.
 Support operation modes: Profile Position, Profile Velocity, Cyclic Synchronous Position, Homing
 7 configurable digital inputs, 7 optically isolated digital outputs include brake output
 Low noise and vibration, smooth motion
 20-50VDC supply voltage for CS3E-D503 and CS3E-D507, max 7A output current
20-72VDC supply voltage for CS3E-D728, max 8A output current
20-80VAC or 30-100VDC supply voltage for CS3E-D1008, max 8A output current
 USB port for parameters configuration
 Encoder resolution: 1000 / 2500 / 5000 line for NEMA11/17/23/24/ 34 CS motors,
 Two 7-segment display velocity or slave ID or operation mode or error code
 Protections for over voltage, over current and position following error, encoder cable error, etc.


Similar Part No. - CS3E

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS3 COOPER-CS3 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Ohmite Mfg. Co.
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
Wire Element Four Terminal Precision Current Sense
logo
List of Unclassifed Man...
CS3-02DO2 ETC1-CS3-02DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-04DO2 ETC1-CS3-04DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-06DO2 ETC1-CS3-06DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
More results

Similar Description - CS3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
Stepper Motor Drive Circuit
logo
Ericsson
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
Stepper Motor Drive Circuit
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
Stepper Motor Drive Circuit
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Leadshine Technology Co...
20CM004 LEADSHINE-20CM004 Datasheet
8Mb / 8P
CM Series Stepper Drive
CS2RS LEADSHINE-CS2RS Datasheet
725Kb / 8P
CS2RS Series Stepper Drive
EM2RS LEADSHINE-EM2RS Datasheet
737Kb / 7P
EM2RS Series Stepper Drive
EM3E LEADSHINE-EM3E Datasheet
567Kb / 7P
EM3E Series Stepper Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com