Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 8 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 8 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
8
CN6
1
GND
2
Reserved
3
Data+
4
Data-
5
V_Bus
Salve ID (Site Alias) Setting
The Salve ID (also called Site Alias) of CS3E series can be set by the following
3 methods:
Setting via Rotary Switches
When Object (2151h) is set to value ‘0’, user can set a value non-zero via the two rotary switches as the salve ID,
activated after restarting the power supply. The specific definition is as below:
The salve ID of drives comes from the constituent hexadecimal value by rotary switch 1 (MSD) and rotary switch 2
(LSD). For example, when the MSD is set value ‘A’ , and the LSD is set value ‘8’ , the ID is 168 (decimalism).
Setting via Reading ESC(EtherCAT Salve Controller)
When Object (2151h) is set to value ‘2’ and MSD, LSD rotary switches are set to 0, the EtherCAT master will
configure site alias to the address of EEPROM 0004h of ESC automatically.
Setting via Object (2150h)
When Object (2151h) is set to value ‘1’, the value written in Object (2150h) is as the site alias, activated after saving
parameter and restarting the power supply.
Two 7-Segment
There are two 7-Segment with two LED indicators on the front of CS3E-D507 (turn on when drive is enabled).The
displayed content of after initialization can be set by Object (214b-00h):
2-Velocity
0-Statue machine / operation mode
1-Slave ID
When an error occurs, the 7-Segment displays only the alarm code, please refer to chapter 5.2
故障代码交替闪烁显
示,直至故障清除后
才继续显示正常设定
的状态数据
错误代码显示
00
Drive Enabled indicator
1st 7-Segment 2nd 7-Segment
LSD
MSD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com