Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3E Datasheet(PDF) 9 Page - Leadshine Technology Co., Ltd.

Part # CS3E
Description  CS3E Series Stepper Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS3E Datasheet(HTML) 9 Page - Leadshine Technology Co., Ltd.

  CS3E Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 8Page - Leadshine Technology Co., Ltd. CS3E Datasheet HTML 9Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Datasheet of CS3E Series Stepper Drive
www.leadshine.com
9
Wiring
COMI
I3
I4
I5
I6
12-24VDC
O3
O4
COMO
Input Voltage
20 - 50VDC
A+
A-
B+
B-
DC
GND
CS3E-D507
I1+
I1-
I2+
I2-
3.3-5VDC
I7
24VDC
24VB
BR+
BR-
24VDC
Brake Outlet
Leadshine ProTuner
CABLE-MUSB1M5
O5
O6
24VDC
EtherCAT Output
EtnerCAT Input
MSD High Address
Rotary Switch
LSD Low Address
Rotary Switch
A+
A-
B+
B-
Vcc
GND
Encoder
Extension Cable
Z+
Z-
O1+
O1-
O2+
O2-
USB Debug
Port
CS-M
CI+
I1
I2
I3
I4
24VDC
O1
O2
CO-
Power Supply
20-50VDC
A+
A-
B+
B-
+VDC
GND
CS3E-D507E
EtherCATOUT
I5
I6
EtherCAT IN
24VDC
Tuning Cable Model: CABLE-MUSB1M5
MS(Motion Studio)
上位调试软件
Tuning Cable Model:
CABLE-MUSB1M5
Leadshine
Motion Studio
CS-M
Series
Motor
Encoder Extension
Cable: CABLEM-BM*M*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com