Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 31 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 27Page - Texas Instruments ADC3910CSSS Datasheet HTML 28Page - Texas Instruments ADC3910CSSS Datasheet HTML 29Page - Texas Instruments ADC3910CSSS Datasheet HTML 30Page - Texas Instruments ADC3910CSSS Datasheet HTML 31Page - Texas Instruments ADC3910CSSS Datasheet HTML 32Page - Texas Instruments ADC3910CSSS Datasheet HTML 33Page - Texas Instruments ADC3910CSSS Datasheet HTML 34Page - Texas Instruments ADC3910CSSS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 131 page
background image
6.3 Feature Description
6.3.1 ADC Features
6.3.1.1 Low Latency Mode
By default the ADC3910Dx and ADC3910Sx are in low latency mode where all digital features such as
decimation, statistics engine and comparator are disabled and the interface is set to DDR, 10 output lanes.
In this mode, latency between the ADC input and digital output is 1 clock cycle. Enabling any digital features or
changing the interface mode adds latency to the device throughput.
6.3.1.2 Full Digital Feature Mode
With the digital features enabled the ADC3910Dx and ADC3910Sx offers the ability to decimate, on-chip
comparators, statistics engines and configurable alerts. See the Digital Features and Digital Interface sections
for details on to set up each of these options.
Note
Enabling the digital features adds additional ADC latency depending on the configuration.
ADC
Dig Test
Pattern
Output
Formatter
16/12/10/8-bit
DIG
I/F
Output
Bit Mapper
Channel
Correction
Statistics
Engine
ALERT
Test
Pattern
N
Comparator
SPI I/F
Figure 6-1. Digital features block diagram
6.3.1.3 Interleaving Mode
The ADC3910Dx can be used as a single-channel ADC where the sampling rate is equal to two times the
clock frequency (FS = 2 × FCLK). This mode interleaves the two channels by sampling them out-of-phase.
Figure 6-2 shows block diagram when interleaving mode is selected. Operating in interleaving mode disables the
digital down converter, statistics engine, and digital comparator. Interleaving mode supports only parallel output
interface.
Note
Interleaving is only available on dual channel ADCs. Single channel ADCs do not have the ability to
interleave.
Interleaving can be enabled in SPI register INTERLEAVE (0x84). Offset, gain, and timing controls are available
in SPI registers OFFSET_CHx, PROG_GAIN_CHx, IL_GAIN_CHx, and CLK_TIM_ADJ_CHx (0x0D5-0x0DF) to
minimize mismatches between the ADCs. Channel corrections (offset, gain) must be enabled in SPI register
CORR_CHx (0x0E0). Enabling channel corrections add several clock cycles of latency.
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com