Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 62 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 58Page - Texas Instruments ADC3910CSSS Datasheet HTML 59Page - Texas Instruments ADC3910CSSS Datasheet HTML 60Page - Texas Instruments ADC3910CSSS Datasheet HTML 61Page - Texas Instruments ADC3910CSSS Datasheet HTML 62Page - Texas Instruments ADC3910CSSS Datasheet HTML 63Page - Texas Instruments ADC3910CSSS Datasheet HTML 64Page - Texas Instruments ADC3910CSSS Datasheet HTML 65Page - Texas Instruments ADC3910CSSS Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
Table 6-31. HFSB_FPDN_CFG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
PDN_FAST
R/W
0h
Fast power down via SPI.
0b = Fast power down disabled
1b = Fast power down enabled. Power down mask (register 0x008C)
determines which internal blocks are powered down.
3:0
RESERVED
R
0h
6.6.1.26 INTERFACE_CFG_3 Register (Address = A0h) [Reset = 00h]
Return to the Summary Table.
Table 6-32. INTERFACE_CFG_3 Register Field Descriptions
Bit
Field
Type
Reset
Description
5
CHB_SWAP
R/W
0h
Selects the channel data to send on Channel B output. Applicable in
DDR interface mode and only available when digital enabled.
0b = Channel B data on channel B output
1b = Channel A data on channel B output
4
CHA_SWAP
R/W
0h
Selects the channel data to send on Channel A output. Applicable in
DDR interface mode and only available when digital enabled.
0b = Channel A data on channel A output
1b = Channel B data on channel A output
3
OENZ_PIN_VAL
R/W
0h
Value to be overwritten on OENZ pin. Must enable OENZ overwrite
in register 0x00A0, bit 2.
2
OENZ_PIN_OW
R/W
0h
OENZ pin overwrite
0b = Use value on OENZ pin
1b = Use value from OENZ_PIN_ VAL. Ignore value on OENZ pin.
1:0
RESERVED
R
0h
6.6.1.27 DIG_PATTERN_EN Register (Address = A1h) [Reset = 00h]
Return to the Summary Table.
Table 6-33. DIG_PATTERN_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
5:3
DIG_PATTERN_MODE_C
HB
R/W
0h
Enables test pattern output mode for channel B.
001b = Ramp pattern with step size of 1
010b = Ramp pattern with step size set in DIG PAT CHA
100b = Constant pattern using DIG PAT CHA
101b = Toggle pattern between DIG PAT CHA and bitwise inverted
DIG PAT CHA
110b = Toggle pattern between DIG PAT CHA and 0
2:0
DIG_PATTERN_MODE_C
HA
R/W
0h
Enables test pattern output mode for channel A.
001b = Ramp pattern with step size of 1
010b = Ramp pattern with step size set in DIG PAT CHA
100b = Constant pattern using DIG PAT CHA
101b = Toggle pattern between DIG PAT CHA and bitwise inverted
DIG PAT CHA
110b = Toggle pattern between DIG PAT CHA and 0
6.6.1.28 DIG_PATTERN_CHA_7:0 Register (Address = A2h) [Reset = 00h]
Return to the Summary Table.
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com