Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 76 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 76 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 72Page - Texas Instruments ADC3910CSSS Datasheet HTML 73Page - Texas Instruments ADC3910CSSS Datasheet HTML 74Page - Texas Instruments ADC3910CSSS Datasheet HTML 75Page - Texas Instruments ADC3910CSSS Datasheet HTML 76Page - Texas Instruments ADC3910CSSS Datasheet HTML 77Page - Texas Instruments ADC3910CSSS Datasheet HTML 78Page - Texas Instruments ADC3910CSSS Datasheet HTML 79Page - Texas Instruments ADC3910CSSS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
Table 6-84. BUF_VCM_CURR Register Field Descriptions
Bit
Field
Type
Reset
Description
5:4
BUF_CURR_CHB__1:0
R/W
0h
ADC channel B input buffer PTAT current source mask LSB's used
for gain tracking across temperature for stability.
00b = 19.9uA (default)
01b = 26.5uA
10b = 13.3uA
11b = 19.9uA
100b = 29.9uA
101b = 36.5uA
110b = 23.3uA
111b = 29.9uA
1000b = 6.6uA
1001b = 13.2uA
1010b = 0uA
1011b = 6.6uA
1100b = 16.6uA
1101b = 23.2uA
1110b = 10uA
1111b = 16.6uA
3:0
VCM_CURR
R/W
0h
VCM buffer PTAT current source mask used for gain tracking across
temperature for stability.
0000b = 19.9uA (default)
0001b = 26.5uA
0010b = 13.3uA
0011b = 19.9uA
0100b = 29.9uA
0101b = 36.5uA
0110b = 23.3uA
0111b = 29.9uA
1000b = 6.6uA
1001b = 13.2uA
1010b = 0uA
1011b = 6.6uA
1100b = 16.6uA
1101b = 23.2uA
1110b = 10uA
1111b = 16.6uA
6.6.1.79 BUF_CURR Register (Address = 30Ah) [Reset = 00h]
Return to the Summary Table.
Table 6-85. BUF_CURR Register Field Descriptions
Bit
Field
Type
Reset
Description
6
FORMAT_DIG
R/W
0h
Output Data Format when digital features are used.
0b = Two's Complement
1b = Offset binary
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
76
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com