Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 55 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 51Page - Texas Instruments ADC3910CSSS Datasheet HTML 52Page - Texas Instruments ADC3910CSSS Datasheet HTML 53Page - Texas Instruments ADC3910CSSS Datasheet HTML 54Page - Texas Instruments ADC3910CSSS Datasheet HTML 55Page - Texas Instruments ADC3910CSSS Datasheet HTML 56Page - Texas Instruments ADC3910CSSS Datasheet HTML 57Page - Texas Instruments ADC3910CSSS Datasheet HTML 58Page - Texas Instruments ADC3910CSSS Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
Table 6-10. INTERLEAVE Register Field Descriptions
Bit
Field
Type
Reset
Description
2
INTERLEAVE
R/W
0h
Enables interleaving mode where channels A and B are both
sampling channel A input and channel B clock is 180 degrees out
of phase with respect to channel A to achieve a 2x sampling rate.
Only applies to dual channel devices.
0b = Interleaving mode disabled
1b = Interleaving mode enabled
1:0
RESERVED
R
0h
6.6.1.5 REF_EQ Register (Address = 85h) [Reset = 00h]
Return to the Summary Table.
Table 6-11. REF_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
6
REF_EQ
R/W
0h
Enable when using external reference to improve temperature
tracking. Internal bandgap is expected to have 7 mV of variation
across the device operating temperature.
0b = Reference equalization disabled
1b = Reference equalization enabled
5:0
RESERVED
R
0h
6.6.1.6 CLK_RESET Register (Address = 87h) [Reset = 00h]
Return to the Summary Table.
Table 6-12. CLK_RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
RESERVED
R
0h
Reserved
5:0
RESERVED
R
0h
6.6.1.7 DEV_CFG_1 Register (Address = 88h) [Reset = 00h]
Return to the Summary Table.
Table 6-13. DEV_CFG_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
FCLK_EN
R/W
0h
Enables frame clock output on DCLKZ pin. Must be enabled in Serial
CMOS mode.
0b = Frame clock output on DCLKZ pin disabled
1b = Frame clock output on DCLKZ pin enabled
6
CNL_PDN
R/W
0h
Powers down internal non-linearity correction. Useful for input
frequencies above 100 MHz and reduces current by 0.5 mA.
0b = Non-linearity correction enabled
1b = Non-linearity correction powered down
5
BUF_CHB
R/W
0h
Reduces current to ADC channel B input buffer which reduces
buffer bandwidth. Recommended for input signals below 25 MHz and
reduces current consumption by 2 mA.
0b = Input buffer full power mode
1b = Input buffer low power mode
4
BUF_CHA
R/W
0h
Reduces current to ADC channel A input buffer which reduces buffer
bandwidth. Recommended for input signals below 25 MHz. Reduces
current consumption by 2 mA.
0b = Input buffer full power mode
1b = Input buffer low power mode
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com