Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 73 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 69Page - Texas Instruments ADC3910CSSS Datasheet HTML 70Page - Texas Instruments ADC3910CSSS Datasheet HTML 71Page - Texas Instruments ADC3910CSSS Datasheet HTML 72Page - Texas Instruments ADC3910CSSS Datasheet HTML 73Page - Texas Instruments ADC3910CSSS Datasheet HTML 74Page - Texas Instruments ADC3910CSSS Datasheet HTML 75Page - Texas Instruments ADC3910CSSS Datasheet HTML 76Page - Texas Instruments ADC3910CSSS Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 131 page
background image
Table 6-72. CH_CORR_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
1
CORR_CHB__15:8
R/W
1h
Channel corrections for channel B (PROG GAIN CHB, IL GAIN CHB,
OFFSET CHB)
0b = Channel corrections enabled
1b = Channel corrections disabled
0
CORR_CHA__7:0
R/W
1h
Channel corrections for channel A (PROG GAIN CHA, IL GAIN CHA,
OFFSET CHA)
0b = Channel corrections enabled
1b = Channel corrections disabled
6.6.1.67 DDC_CFG_1 Register (Address = 200h) [Reset = 00h]
Return to the Summary Table.
Table 6-73. DDC_CFG_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
5:3
DDC_DATA_SEL_CHA
R/W
0h
Data select for channel A decimation
000b = ADC channel A (default)
001b = ADC channel B
2:0
DECIMATION
R/W
0h
Real decimation setting. This applies to both channels.
000b = Bypass mode (no decimation)
001b = Decimation by 2
010b = Decimation by 4
011b = Decimation by 8
100b = Decimation by 16
6.6.1.68 STATS_COMP_DATA_SEL Register (Address = 201h) [Reset = 00h]
Return to the Summary Table.
Table 6-74. STATS_COMP_DATA_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
5:3
STATS_DATA_SEL_CHA
R/W
0h
Data select for channel A statistics engine
000b = Channel A digital downconverter
001b = ADC channel B
100b = Average of channel A and channel B data
101b = Channel A correction block
110b = Channel B correction block
2:0
COMP_DATA_SEL_CHA
R/W
0h
Data select for channel A comparator
000b = Channel A digital downconverter
001b = ADC channel B
100b = Average of channel A and channel B data
101b = Channel A correction block
110b = Channel B correction block
6.6.1.69 OUTPUT_DATA_SEL Register (Address = 202h) [Reset = 0h]
Return to the Summary Table.
Table 6-75. OUTPUT_DATA_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
2:0
OUTPUT_DATA_SEL_CH
A
R/W
0h
Data select for channel A output
000b = Channel A digital downconverter
001b = ADC channel B
100b = Average of channel A and channel B data
101b = Channel A correction block
110b = Channel B correction block
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com