Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 59 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 55Page - Texas Instruments ADC3910CSSS Datasheet HTML 56Page - Texas Instruments ADC3910CSSS Datasheet HTML 57Page - Texas Instruments ADC3910CSSS Datasheet HTML 58Page - Texas Instruments ADC3910CSSS Datasheet HTML 59Page - Texas Instruments ADC3910CSSS Datasheet HTML 60Page - Texas Instruments ADC3910CSSS Datasheet HTML 61Page - Texas Instruments ADC3910CSSS Datasheet HTML 62Page - Texas Instruments ADC3910CSSS Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
Table 6-21. PIN_CFG_1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3:1
CLK_PIN_STRENGTH
R/W
0h
DCLK and DCLKZ output pin strength
000b = 15/15 (default)
001b = 13/15
010b = 11/15
011b = 9/15
100b = 7/15
101b = 5/15
110b = 3/15
111b = 1/15
0
RESERVED
R
0h
6.6.1.16 TEST_PAT_CFG Register (Address = 91h) [Reset = 0h]
Return to the Summary Table.
Table 6-22. TEST_PAT_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
DATA_PIN_STRENGTH
R/W
0h
D11 to D0 output pin strength
0000b = 15/15 (default)
0001b = 14/15
0010b = 13/15
0011b = 12/15
0100b = 11/15
0101b = 10/15
0110b = 9/15
0111b = 8/15
1000b = 7/15
1001b = 6/15
1010b = 5/15
1011b = 4/15
1100b = 3/15
1101b = 2/15
1110b = 1/15
1111b = 0/15 (Tri-state)
6.6.1.17 TEST_PATTERN_CFG Register (Address = 91h) [Reset = 00h]
Return to the Summary Table.
Table 6-23. TEST_PATTERN_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
6
TOGGLE_PAT
R/W
0h
Toggle mode for test pattern. Enable to toggle all lanes in SDR
mode, disable in DDR mode.
0b = Disable test pattern toggle
1b = Enable test pattern toggle
5
TEST_PAT_B
R/W
0h
Enables the test pattern in register 0x0092
0b = Channel B test pattern disabled
1b = Channel B test pattern enabled
4
TEST_PAT_A
R/W
0h
Enables the test pattern in register 0x0094
0b = Channel A test pattern disabled
1b = Channel A test pattern enabled
3:0
RESERVED
R
0h
6.6.1.18 TEST_PATTERN_CHB_7:0 Register (Address = 92h) [Reset = 00h]
Return to the Summary Table.
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com