Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments ADC3910CSSS Datasheet HTML 10Page - Texas Instruments ADC3910CSSS Datasheet HTML 11Page - Texas Instruments ADC3910CSSS Datasheet HTML 12Page - Texas Instruments ADC3910CSSS Datasheet HTML 13Page - Texas Instruments ADC3910CSSS Datasheet HTML 14Page - Texas Instruments ADC3910CSSS Datasheet HTML 15Page - Texas Instruments ADC3910CSSS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 131 page
background image
5.10 Timing Requirements
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V,
Internal 1.2 V reference, 5 pF output load, and –1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ADC TIMING SPECIFICATIONS
tAD
Aperture Delay
0.5
ns
tA
Aperture Jitter
square wave clock with fast edges
500
fs
tACQ
Signal acquisition period, referenced to
sampling clock falling edge
-TS/5
Sampling
Clock
Period
tCONV
Signal conversion period, referenced to
sampling clock falling edge
Fs = 25 MSPS
5.5
ns
Fs = 65 MSPS
5.5
ns
Fs = 125 MSPS
5.5
ns
Wake up
time
Time to valid data after coming out of power
down. Internal reference.
30
us
Time to valid data after coming out of power
down. External 1.2V reference.
19
us
ADC
Latency
Signal input to data output
Low Latency Mode (DDR)
1
ADC
clock
cycles
Digital features enabled (SDR, Serial CMOS)
5
Add.
Latency
Real Decimation
2
25
4
60
8
130
16
270
INTERFACE TIMING - DDR CMOS
tPD
Propagation delay: sampling clock falling edge to DCLK rising edge
TS/4 +
3ns
ns
tCD
DCLK rising edge to output data delay
Fs = 25 MSPS
-11
-10
-9
Fs = 65 MSPS
-4.8
-3.8
-2.8
Fs = 125 MSPS
-3
-2
-1
tDV
Data valid
Fs = 25 MSPS
18
20
22
Fs = 65 MSPS
5.7
7.7
9.7
Fs = 125 MSPS
2
4
6
INTERFACE TIMING - SDR CMOS
tPD
Propagation delay: sampling clock falling edge to DCLK rising edge
TS/4 +
3ns
ns
tCD
DCLK rising edge to output data delay
Fs = 25 MSPS
-19
-20
-21
Fs = 65 MSPS
-8.6
-7.6
-6.6
Fs = 125 MSPS
-5
-4
-3
tDV
Data valid
Fs = 25 MSPS
38
40
42
Fs = 65 MSPS
13.4
15.4
17.4
Fs = 125 MSPS
6
8
10
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com