Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 49 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3910CSSS Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 45Page - Texas Instruments ADC3910CSSS Datasheet HTML 46Page - Texas Instruments ADC3910CSSS Datasheet HTML 47Page - Texas Instruments ADC3910CSSS Datasheet HTML 48Page - Texas Instruments ADC3910CSSS Datasheet HTML 49Page - Texas Instruments ADC3910CSSS Datasheet HTML 50Page - Texas Instruments ADC3910CSSS Datasheet HTML 51Page - Texas Instruments ADC3910CSSS Datasheet HTML 52Page - Texas Instruments ADC3910CSSS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
6.3.8.1 Bypass Test Pattern
The test pattern for low latency mode (digital bypassed) is enabled in SPI register TEST_PAT_CHx (0x91) and
configured in SPI register TEST_PATTERN_CHx (0x092).
6.3.8.2 Digital Test Pattern
The digital test pattern is enabled in SPI register DIG_PAT_EN (0x0A6) and configured in SPI registers
DIG_PATTERN_MODE_CHx (0x0A1) and DIG_PATTERN_CHx (0x0A2-0x0A5). The test pattern is 16 bits wide.
In 10 bit mode the MSB 10 bits are send out.
• RAMP Pattern: The step size can be configured as 1 (at 16 bit level) or the value assigned written in
DIG_PAT_CHx. To generate a ramp with step size of 1 in 10 bit mode the step size must be programmed to
64 in DIG_PAT_CHx.
• Custom Pattern: Configured in the DIG_PAT_CHx register
• Toggle Pattern: Either toggle between DIG_PAT_CHx and bitwise inversion of DIG_PAT_CHx or toggle
between DIG_PAT_CHx and 0.
6.4 Device Functional Modes
6.4.1 Normal Operation
In normal operating mode, the entire ADC full scale range gets converted to a digital output with 10-bit
resolution. The output is available in as little as 1 clock cycle on the digital outputs.
6.4.2 Power Down Options
A global or fast power down mode can be enabled via SPI as well as using the power down pin (OENZ/PDN).
There is an internal pull-down resistor on the OENZ/PDN input pin, and the pin is active HIGH. The pin needs to
be pulled high externally to enter power down mode. The SPI register map provides the capability to enable or
disable individual blocks directly or via PDN pin mask to trade off power consumption vs wake up time as shown
in the Timing Requirements table.
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com