Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 138 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 134Page - STMicroelectronics LQFP64 Datasheet HTML 135Page - STMicroelectronics LQFP64 Datasheet HTML 136Page - STMicroelectronics LQFP64 Datasheet HTML 137Page - STMicroelectronics LQFP64 Datasheet HTML 138Page - STMicroelectronics LQFP64 Datasheet HTML 139Page - STMicroelectronics LQFP64 Datasheet HTML 140Page - STMicroelectronics LQFP64 Datasheet HTML 141Page - STMicroelectronics LQFP64 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 429 page
background image
138/429
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
7.5 CRYSTAL OSCILLATOR
The on-chip components for the crystal oscillator
are an inverting circuit, polarised at the trip point.
The inverter is built around an n-channel transis-
tor, loaded with a current source and polarised
through a feedback resistor.
The current source is tailored to obtain a pseudo
sinusoidal signal at OSCOUT and OSCIN, reduc-
ing the electromagnetic emission. The inverter
stage is followed by a matching inverter, which is
followed in turn by a schmitt-triggered buffer.
In HALT mode, set by means of the HALT instruc-
tion, in STOP mode, and under control of the XT-
STOP bit, the oscillator is disabled. The current
sources are switched off, reducing the power dis-
sipation. The internal clock, CLOCK1, is forced to
a high level.
To exit the HALT condition and restart the oscilla-
tor, an external RESET pulse is required, having a
a minimum duration of TSTUP (see Figure 70 and
Section 11 ELECTRICAL CHARACTERISTICS).
It should be noted that, if the Watchdog function is
enabled, a HALT instruction will not disable the os-
cillator. This to avoid stopping the Watchdog if a
HALT
code is executed in error. When this occurs,
the CPU will be reset when the Watchdog times
out or when an external reset is applied.
Figure 66. Crystal Oscillator
Table 31. Maximum RS values
Legend:
C1, C2: Maximum Total Capacitances on pins OSCIN and
OSCOUT (the value includes the external capacitance
tied to the pin plus the parasitic capacitance of the board
and of the device)
Note: The tables are relative to the fundamental quartz
crystal only (not ceramic resonator).
Figure 67. Internal Oscillator Schematic
Figure 68. External Clock
OSCIN
OSCOUT
C1
C2
ST9
CRYSTAL CLOCK
*Rd can be inserted to reduce the drive level,
Rd*
when using low drive crystals.
hi
l
d i
t l
C1=C2
Freq.
33pF
22pF
5 MHz
80
130
4 MHz
120
200
3 MHz
220
370
OSCOUT
RPOL
VDD
ILOAD
OSCIN
CLOCK1
OSCOUT
OSCIN
CLOCK
INPUT
EXTERNAL CLOCK
VR02116B
ST9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com