Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 141 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 137Page - STMicroelectronics LQFP64 Datasheet HTML 138Page - STMicroelectronics LQFP64 Datasheet HTML 139Page - STMicroelectronics LQFP64 Datasheet HTML 140Page - STMicroelectronics LQFP64 Datasheet HTML 141Page - STMicroelectronics LQFP64 Datasheet HTML 142Page - STMicroelectronics LQFP64 Datasheet HTML 143Page - STMicroelectronics LQFP64 Datasheet HTML 144Page - STMicroelectronics LQFP64 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 429 page
background image
141/429
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
RESET/STOP MANAGER (Cont’d)
The on-chip Timer/Watchdog generates a reset
condition if the Watchdog mode is enabled
(WCR.WDGEN cleared, R252 page 0), and if the
programmed period elapses without the specific
code (AAh, 55h) written to the appropriate register.
The input pin RESET is not driven low by the on-
chip reset generated by the Timer/Watchdog.
When the Reset pin goes high again, 20479 oscil-
lator clock cycles (CLOCK1) are counted before ex-
iting the Reset state (
+ one possible CLOCK1 pe-
riod, depending on the delay between the rising
edge of the Reset pin and the first rising edge of
CLOCK1). Subsequently a short Boot routine is ex-
ecuted from the device internal Boot memory, and
control then passes to the user program.
The Boot routine sets the device characteristics
and loads the correct values in the Memory Man-
agement Unit’s pointer registers, so that these
point to the physical memory areas as mapped in
the specific device. The precise duration of this
short Boot routine varies from device to device,
depending on the Boot memory contents.
At the end of the Boot routine the Program Coun-
ter will be set to the location specified in the Reset
Vector located in the lowest two bytes of memory.
7.6.1 Reset Pin Timing
To improve the noise immunity of the device, the
Reset pin has a Schmitt trigger input circuit with
hysteresis. In addition, a filter will prevent an un-
wanted reset in case of a single glitch of less than
50 ns on the Reset pin. The device is certain to re-
set if a negative pulse of more than 20
µs is ap-
plied. When the reset pin goes high again, a delay
of up to 4
µs will elapse before the RCCU detects
this rising front. From this event on, a defined
number of CLOCK1 cycles (refer to tRSPH) is
counted before exiting the Reset state (
+ one pos-
sible CLOCK1 period depending on the delay be-
tween the positive edge the RCCU detects and the
first rising edge of CLOCK1).
If the ST9 is a ROMLESS version, without on-chip
program memory, the memory interface ports are
set to external memory mode (i.e Alternate Func-
tion) and the memory accesses are made to exter-
nal Program memory with wait cycles insertion.
If the Voltage Regulator is present in the device,
please ensure the reset pin is released only when
the internal voltage supply is stabilized at 3.3V.
Figure 71. Recommended Signal to be Applied
on Reset Pin
Figure 72. Reset Pin Input Structure
VRESETN
VDD
VIHRS
VILRS
20
µs
Minimum
PIN
ESD PROTECTION
CIRCUITRY
SCHMITT TRIGGER and LOW
PASS FILTER
TO GENERATE RESET SIGNAL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com