Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 139 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 135Page - STMicroelectronics LQFP64 Datasheet HTML 136Page - STMicroelectronics LQFP64 Datasheet HTML 137Page - STMicroelectronics LQFP64 Datasheet HTML 138Page - STMicroelectronics LQFP64 Datasheet HTML 139Page - STMicroelectronics LQFP64 Datasheet HTML 140Page - STMicroelectronics LQFP64 Datasheet HTML 141Page - STMicroelectronics LQFP64 Datasheet HTML 142Page - STMicroelectronics LQFP64 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 429 page
background image
139/429
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
CERAMIC RESONATORS
Murata Electronics CERALOCK resonators have been tested with the ST92F150 at 3, 3.68, 4 and 5 MHz.
These recommended resonators have built-in capacitors (see Table 32).
The test circuit is shown in Figure 69.
Figure 69. Test Circuit
Table 32 shows the recommended conditions at different frequencies.
Table 32. Obtained Results
Advantages of using ceramic resonators:
CSTCR and CSTCC types have built-in loading
capacitors.
Smallest loading capacitor resonators are recom-
mended for standard applications.
Highest loading capacitor resonators are recom-
mended for automotive applications with CAN and
tight frequency tolerance.
Test conditions:
The evaluation conditions are 4.5 to 5.5 V for the
supply voltage and -40° to 105° C for the tempera-
ture range.
Caution:
These circuit conditions are for design reference
only.
Recommended C1, C2 value depends on the cir-
cuit board used.
For tight frequency tolerance applications, please
contact the nearest Murata office for more de-
tailled PCB evaluation regarding layout.
Note 1:
Attention must be paid to leakage currents around
the OSCIN pin. Leakage paths from VDD could al-
ter the DC polarization of the inverter stage and in-
troduce a mismatch with the second stage, and
possibly stop the clock signal. It is recommended
to surround the oscillator components by a ground
ring on the printed circuit board and if necessary to
apply a coating film to avoid humidity problems.
Note 2:
Attention must be paid to the capacitive loading of
OSCOUT. OSCOUT must not be used to drive ex-
ternal circuits.
VDD
C1
C2
OSCIN
CERALOCK
ST92F150
Rd
OSCOUT
VSS
Freq.
(MHz)
Parts Number
C1 (pF)
C2 (pF)
Rd (Ohm)
5
CSTCR5M00G55A-R0
39
39
0
CSTCC5M00G56A-R0
47
47
0
4
CSTCR4M00G55A-R0
39
39
0
CSTCC4M00G56A-R0
47
47
0
3
CSTCC3M00G56A-R0
47
47
0
3.68
CSTCC3M68G56A-R0
47
47
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com