Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 398 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 398 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 394Page - STMicroelectronics LQFP64 Datasheet HTML 395Page - STMicroelectronics LQFP64 Datasheet HTML 396Page - STMicroelectronics LQFP64 Datasheet HTML 397Page - STMicroelectronics LQFP64 Datasheet HTML 398Page - STMicroelectronics LQFP64 Datasheet HTML 399Page - STMicroelectronics LQFP64 Datasheet HTML 400Page - STMicroelectronics LQFP64 Datasheet HTML 401Page - STMicroelectronics LQFP64 Datasheet HTML 402Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 429 page
background image
398/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
I2C/DDC-BUS TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Value guaranteed by design.
(2) The ST9 device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the undefined region of the fall-
ing edge of SCL
(3) The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of SCL signal
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
Cb = total capacitance of one bus line in pF
FREQ[2:0] = Frequency bits value of I2C Own Address Register 2 (I2COAR2)
I2C TIMING
Symbol
Parameter
Formula
Protocol Specifications
Unit
Standard I2C
Fast I2C
Min
Max
Min
Max
fINTCLK
Internal Frequency (Slave Mode)
2.5
2.5
MHz
fSCL
SCL clock frequency
0
100
0
400
kHz
TBUF
Bus free time between a STOP and
START condition
4.7
1.3
µs
THIGH
SCL clock high period
4.0
0.6
µs
TLOW
SCL clock low period
Standard Mode
Fast Mode
4.7
1.3
µs
THD:STA
Hold time START condition. After this
period, the first clock pulse is generated
TLOW + Tck
4.0
0.6
µs
TSU:STA
Set-up time for a repeated START condi-
tion
TLOW + THIGH
– THD:STA
4.7
0.6
µs
THD:DAT Data hold time
FREQ[2:0] = 000
FREQ[2:0] = 001
FREQ[2:0] = 010
FREQ[2:0] = 011
3 x Tck
4 x Tck
4 x Tck
10 x Tck
0 (1;2)
0 (1;2)
0.9 (1;3)
µs
TSU:DAT
Data set-up time
(Without SCL stretching)
TLOW – THD:DAT
250(1)
100 (1)
ns
Data set-up time
(With SCL stretch-
ing)
FREQ[2:0] = 000
FREQ[2:0] = 001
FREQ[2:0] = 010
FREQ[2:0] = 011
7 x Tck
15 x Tck
15 x Tck
31 x Tck
TR
Rise time of both SDA and SCL signals
1000 (1)
20+0.1Cb (1)
ns
TF
Fall time of both SDA and SCL signals
300 (1)
20+0.1Cb (1)
ns
TSU:STO Set-up time for STOP condition
TLOW + THIGH
– THD:STA
4.0(1)
0.6 (1)
ns
Cb
Capacitive load for each bus line
400
400
pF
t BUF
t LOW
P
S
t HD:STA
t HD:DAT
t R
t HIGH
t F
t SU:DAT
t SU:STA
Sr
t HD:STA
t SP
t SU:STO
P
SDA
SCL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com