Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 400 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 400 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 396Page - STMicroelectronics LQFP64 Datasheet HTML 397Page - STMicroelectronics LQFP64 Datasheet HTML 398Page - STMicroelectronics LQFP64 Datasheet HTML 399Page - STMicroelectronics LQFP64 Datasheet HTML 400Page - STMicroelectronics LQFP64 Datasheet HTML 401Page - STMicroelectronics LQFP64 Datasheet HTML 402Page - STMicroelectronics LQFP64 Datasheet HTML 403Page - STMicroelectronics LQFP64 Datasheet HTML 404Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 429 page
background image
400/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
J1850 BYTE LEVEL PROTOCOL DECODER TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Values obtained with internal frequency at 24 MHz (INTCLK), with CLKSEL Register set to 23.
(2) In Transmission Mode, symbol durations are compliant to nominal values defined by the J1850 Protocol Specifications.
(3) All values are reported with a precision of
±1 µs.
J1850 PROTOCOL TIMING
Symbol
Parameter
Value
Unit
Note
Receive Mode
Transmission Mode
Min
Max
Nominal
TF
Symbols Filtered
0
≤ 7-
µs
(1)(2)
TIB
Invalid Bit Detected
> 7
≤ 34
-
µs
(1)(2)
TP0
Passive Data Bit “0”
> 34
≤ 96
64
µs
(1)(2)(3)
TA0
Active Data Bit “0”
> 96
≤ 163
128
µs
(1)(2)(3)
TP1
Passive Data Bit “1”
> 96
≤ 163
128
µs
(1)(2)(3)
TA1
Active Data Bit “1”
> 34
≤ 96
64
µs
(1)(2)(3)
TNBS
Short Normalization Bit
> 34
≤ 96
64
µs
(1)(2)(3)
TNBL
Long Normalization Bit
> 96
≤ 163
128
µs
(1)(2)(3)
TSOF
Start Of Frame Symbol
> 163
≤ 239
200
µs
(1)(2)(3)
TEOD
End Of Data Symbol
> 163
≤ 239
200
µs
(1)(2)(3)
TEOF
End Of Frame Symbol
> 239
-
280
µs
(1)(2)(3)
TBRK
Break Symbol
> 239
-
300
µs
(1)(2)(3)
TIDLE
Idle Symbol
> 280
-
300
µs
(1)(2)(3)
T NBS
T A1
T P0
T EOD
T SOF
VPWO
T IDLE
T EOF
T EOD
VPWO
T IDLE
T EOF
T A0
T P1
T A1
T P0
T SOF
T A0
T P1
T NBL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com