Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 402 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 402 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 398Page - STMicroelectronics LQFP64 Datasheet HTML 399Page - STMicroelectronics LQFP64 Datasheet HTML 400Page - STMicroelectronics LQFP64 Datasheet HTML 401Page - STMicroelectronics LQFP64 Datasheet HTML 402Page - STMicroelectronics LQFP64 Datasheet HTML 403Page - STMicroelectronics LQFP64 Datasheet HTML 404Page - STMicroelectronics LQFP64 Datasheet HTML 405Page - STMicroelectronics LQFP64 Datasheet HTML 406Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 429 page
background image
402/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
10-BIT ADC CHARACTERISTICS (Cont’d)
ADC Accuracy (VDD=5V+/-10%, TA=-40°C to +125°C)
1. Typical data is based on TA=25°C, Vdd=5V
2. Monotonicity and No Missing Codes are guaranteed by design.
3. Refer to Figure 162. for the definition of these parameters.
Figure 162. ADC Accuracy Characteristics
Symbol
Parameter
Conditions
Typ 1)
Max
Unit
Monotonicity
Guaranteed 2)
No missing codes
Guaranteed 2)
|Et|
Total unadjusted error 3)
fADC = 4MHz
1.5
6
LSB
|Eo|
Offset error 3)
15.5
|Eg|
Gain Error 3)
1.5
6
|Ed|
Differential linearity error 3)
0.5
1.5
|El|
Integral linearity error 3)
0.5
1.5
EO
EG
1LSBIDEAL
1LSB
IDEAL
AVDD
AVSS
–
1024
-----------------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result DiHR/DiLR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
3
4567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
AVDD
AVSS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com