Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 3Page - NXP Semiconductors PCF8563 Datasheet HTML 4Page - NXP Semiconductors PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
7 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
8.6.2
Control/Status 2 register
[1]
TF and INT become active simultaneously.
[2]
n = loaded countdown timer value. Timer stopped when n = 0.
Table 7:
Description of Control/Status 2 register bits description (address 01H)
Bit
Symbol Description
7 to 5
0
By default set to logic 0.
4
TI/TP
TI/TP = 0: INT is active when TF is active (subject to the status of TIE).
TI/TP = 1: INT pulses active according to Table 8 (subject to the status
of TIE). Note that if AF and AIE are active then INT will be permanently
active.
3
AF
When an alarm occurs, AF is set to logic 1. Similarly, at the end of a
timer countdown, TF is set to logic 1. These bits maintain their value
until overwritten by software. If both timer and alarm interrupts are
required in the application, the source of the interrupt can be
determined by reading these bits. To prevent one flag being
overwritten while clearing another, a logic AND is performed during a
write access. See Table 9 for the value descriptions of bits AF and TF.
2TF
1
AIE
Bits AIE and TIE activate or deactivate the generation of an interrupt
when AF or TF is asserted, respectively. The interrupt is the logical OR
of these two conditions when both AIE and TIE are set.
AIE = 0: alarm interrupt disabled; AIE = 1: alarm interrupt enabled.
TIE = 0: timer interrupt disabled; TIE = 1: timer interrupt enabled.
0
TIE
Table 8:
INT operation (bit TI/TP = 1)
Source clock (Hz)
INT [1] period (s)
n [2] =1
n>1
4 096
1
8192
1
4096
64
1
128
1
64
1
1
64
1
64
1
60
1
64
1
64
Table 9:
Value descriptions for bits AF and TF
R/W
Bit: AF
Bit: TF
Value Description
Value Description
Read
0
alarm flag inactive
0
timer flag inactive
1
alarm flag active
1
timer flag active
Write
0
alarm flag is cleared
0
timer flag is cleared
1
alarm flag remains unchanged
1
timer flag remains unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com