Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
10 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
8.6.5
Alarm registers
When one or more of the alarm registers are loaded with a valid minute, hour, day or
weekday and its corresponding AE (Alarm Enable) bit is a logic 0, then that
information will be compared with the current minute, hour, day and weekday. When
all enabled comparisons first match, the bit AF (Alarm Flag) is set.
AF will remain set until cleared by software. Once AF has been cleared it will only be
set again when the time increments to match the alarm condition once more. Alarm
registers which have their AE bit set at logic 1 will be ignored.
Table 19: Minute alarm register bits description (address 09H)
Bit
Symbol
Description
7
AE
AE = 0; minute alarm is enabled. AE = 1; minute alarm is disabled.
6 to 0 <minute alarm>
These bits represents the minute alarm information coded in BCD
format; value = 00 to 59.
Table 20: Hour alarm register bits description (address 0AH)
Bit
Symbol
Description
7
AE
AE = 0; hour alarm is enabled. AE = 1; hour alarm is disabled.
6 to 0 <hour alarm>
These bits represents the hour alarm information coded in BCD
format; value = 00 to 23.
Table 21: Day alarm register bits description (address 0BH)
Bit
Symbol
Description
7
AE
AE = 0; day alarm is enabled. AE = 1; day alarm is disabled.
6 to 0 <day alarm>
These bits represents the day alarm information coded in BCD
format; value = 01 to 31.
Table 22: Weekday alarm register bits description (address 0CH)
Bit
Symbol
Description
7
AE
AE = 0; weekday alarm is enabled.
AE = 1; weekday alarm is disabled.
6 to 0 <weekday alarm>
These bits represents the weekday alarm information
value0to6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com