Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors PCF8563 Datasheet HTML 18Page - NXP Semiconductors PCF8563 Datasheet HTML 19Page - NXP Semiconductors PCF8563 Datasheet HTML 20Page - NXP Semiconductors PCF8563 Datasheet HTML 21Page - NXP Semiconductors PCF8563 Datasheet HTML 22Page - NXP Semiconductors PCF8563 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
19 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
11. Dynamic characteristics
[1]
Unspecified for fCLKOUT = 32.768 kHz.
[2]
All timing values are valid within the operating supply voltage range at Tamb and referenced to VIL and VIH with an input voltage swing of
VSS to VDD.
[3]
I2C-bus access time between two STARTs or between a START and a STOP condition to this device must be less than one second.
Table 30: Dynamic characteristics
VDD = 1.8 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; fOSC = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Oscillator
CL(integrated) integrated load capacitance
15
25
35
pF
∆fOSC/fOSC oscillator stability
∆V
DD = 200 mV; Tamb =25 °C
2
× 10−7
Quartz crystal parameters (fOSC = 32.768 kHz)
Rs
series resistance
−−
40
k
CL
parallel load capacitance
10
pF
CT
trimmer capacitance
5
25
pF
CLKOUT output
δCLKOUT
CLKOUT duty factor
[1]
50
%
I2C-bus timing characteristics [2]
fSCL
SCL clock frequency
[3]
−−
400
kHz
tHD;STA
START condition hold time
0.6
−−µs
tSU;STA
set-up time for a repeated
START condition
0.6
−−µs
tLOW
SCL LOW time
1.3
−−µs
tHIGH
SCL HIGH time
0.6
−−µs
tr
SCL and SDA rise time
−−
0.3
µs
tf
SCL and SDA fall time
−−
0.3
µs
Cb
capacitive bus line load
−−
400
pF
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−−
ns
tSU;STO
set-up time for STOP condition
4.0
−−µs
tSW
tolerable spike width on bus
−−
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com