Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors PCF8563 Datasheet HTML 18Page - NXP Semiconductors PCF8563 Datasheet HTML 19Page - NXP Semiconductors PCF8563 Datasheet HTML 20Page - NXP Semiconductors PCF8563 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
17 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
10. Static characteristics
Table 29: Static characteristics
VDD = 1.8 to 5.5 V; VSS =0V; Tamb = −40 to 85 °C; fOSC = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
I2C-bus inactive; Tamb =25 °C
1.0 [1]
5.5
V
I2C-bus active; fSCL = 400 kHz
1.8 [1]
5.5
V
supply voltage for reliable
clock/calendar information
Tamb =25 °CVlow
5.5
V
IDD1
supply current;
CLKOUT disabled (FE = 0)
fSCL = 400 kHz
[2]
−−
800
µA
fSCL = 100 kHz
−−
200
µA
fSCL = 0 Hz; Tamb =25 °C
[2]
VDD =5V
275
550
nA
VDD =3V
250
500
nA
VDD =2V
225
450
nA
fSCL =0Hz
[2]
VDD =5V
500
750
nA
VDD =3V
400
650
nA
VDD =2V
400
600
nA
IDD2
supply current;
CLKOUT enabled
(fCLKOUT = 32 kHz; FE = 1)
fSCL = 0 Hz; Tamb =25 °C
[2]
VDD =5V
825
1600
nA
VDD =3V
550
1000
nA
VDD =2V
425
800
nA
fSCL =0Hz
[2]
VDD =5V
950
1700
nA
VDD =3V
650
1100
nA
VDD =2V
500
900
nA
Inputs
VIL
LOW-level input voltage
VSS
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
VDD
V
ILI
input leakage current
VI =VDD or VSS
−1
+1
µA
Ci
input capacitance
[3]
−−
7pF
Outputs
IOL(SDA)
LOW-level output current;
pin SDA
VOL = 0.4 V; VDD =5V
−3
−−
mA
IOL(INT)
LOW-level output current;
pin INT
−1
−−
mA
IOL(CLKOUT) LOW-level output current;
pin CLKOUT
−1
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com