Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors PCF8563 Datasheet HTML 18Page - NXP Semiconductors PCF8563 Datasheet HTML 19Page - NXP Semiconductors PCF8563 Datasheet HTML 20Page - NXP Semiconductors PCF8563 Datasheet HTML 21Page - NXP Semiconductors PCF8563 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
18 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
[1]
For reliable oscillator start-up at power-up: VDD(min)power-up = VDD(min) + 0.3 V.
[2]
Timer source clock = 1
⁄60 Hz; SCL and SDA = VDD.
[3]
Tested on sample basis.
IOH(CLKOUT) HIGH-level output current;
pin CLKOUT
VOH = 4.6 V; VDD =5V
1
−−
mA
ILO
output leakage current
VO =VDD or VSS
−1
−
+1
µA
Voltage detector
Vlow
voltage-low detection level
Tamb =25 °C
−
0.9
1.0
V
Table 29: Static characteristics…continued
VDD = 1.8 to 5.5 V; VSS =0V; Tamb = −40 to 85 °C; fOSC = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C; Timer = 1 minute.
Tamb =25 °C; Timer = 1 minute.
Fig 14. IDD as a function of VDD; CLKOUT disabled.
Fig 15. IDD as a function of VDD; CLKOUT = 32 kHz.
VDD = 3 V; Timer = 1 minute.
Tamb =25 °C; normalized to VDD =3V.
Fig 16. IDD as a function of Tamb; CLKOUT = 32 kHz.
Fig 17. Frequency deviation as function of VDD.
handbook, halfpage
02
6
MGR888
4
VDD (V)
1
0
0.4
0.2
0.8
0.6
IDD
(
µA)
handbook, halfpage
02
6
MGR889
4
VDD (V)
1
0
0.4
0.2
0.8
0.6
IDD
(
µA)
handbook, halfpage
−40
0
40
120
MGR890
80
T (
°C)
1
0
0.4
0.2
0.8
0.6
IDD
(
µA)
handbook, halfpage
02
6
4
2
−4
−2
0
MGR891
4
VDD (V)
frequency
deviation
(ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com