Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 4Page - NXP Semiconductors PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
8 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
8.6.3
Seconds, Minutes and Hours registers
8.6.4
Days, Weekdays, Months/Century and Years registers
Table 10: Seconds/VL register bits description (address 02H)
Bit
Symbol
Description
7
VL
VL = 0: reliable clock/calendar information is guaranteed;
VL = 1: reliable clock/calendar information is no longer
guaranteed.
6 to 0
<seconds>
These bits represent the current seconds value coded in BCD
format; value = 00 to 59.
Example: <seconds> = 101 1001, represents the value 59 s.
Table 11: Minutes register bits description (address 03H)
Bit
Symbol
Description
7
−
not implemented
6 to 0
<minutes>
These bits represent the current minutes value coded in BCD
format; value = 00 to 59.
Table 12: Hours register bits description (address 04H)
Bit
Symbol
Description
7 to 6
−
not implemented
5 to 0
<hours>
These bits represent the current hours value coded in BCD format;
value=00to23.
Table 13: Days register bits description (address 05H)
Bit
Symbol
Description
7 to 6
−
not implemented
5 to 0
<days>
These bits represent the current day value coded in BCD format;
value = 01 to 31.
The PCF8563 compensates for leap years by adding a 29th day to
February if the year counter contains a value which is exactly
divisible by 4, including the year ‘00’.
Table 14: Weekdays register bits description (address 06H)
Bit
Symbol
Description
7 to 3
−
not implemented
2 to 0
<weekdays>
These bits represent the current weekday value 0 to 6;
see Table 15.
These bits may be re-assigned by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com