Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8563 Datasheet HTML 1Page - NXP Semiconductors PCF8563 Datasheet HTML 2Page - NXP Semiconductors PCF8563 Datasheet HTML 3Page - NXP Semiconductors PCF8563 Datasheet HTML 4Page - NXP Semiconductors PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
2 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
4.
Quick reference data
5.
Ordering information
6.
Block diagram
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage operating mode
I2C-bus inactive; Tamb =25 °C
1.0
5.5
V
I2C-bus active; fSCL = 400 kHz;
Tamb = −40 to +85 °C
1.8
5.5
V
IDD
supply current; timer and CLKOUT
disabled
fSCL = 400 kHz
-
800
µA
fSCL = 100 kHz
-
200
µA
fSCL = 0 Hz; Tamb =25 °C
VDD = 5 V
-
550
nA
VDD = 2 V
-
450
nA
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PCF8563P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8563T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCF8563TS
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3.0 mm
SOT505-1
Fig 1.
Block diagram.
handbook, full pagewidth
MGM662
0
CONTROL/STATUS 1
OSCILLATOR
32.768 kHz
1
CONTROL/STATUS 2
2
SECONDS/VL
3
MINUTES
4
HOURS
5
DAYS
6
WEEKDAYS
7
MONTHS/CENTURY
8
YEARS
9
MINUTE ALARM
A
HOUR ALARM
B
DAY ALARM
C
WEEKDAY ALARM
D
E
CLKOUT CONTROL
F
TIMER CONTROL
TIMER
OSCILLATOR
MONITOR
VOLTAGE
DETECTOR
I2C-BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
POR
VDD
CLKOUT
1 Hz
OSCO
SCL
SDA
VSS
INT
OSCI
1
2
3
4
8
6
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com