Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8563 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Philips Semiconductors
PCF8563
Real-time clock/calendar
Product specification
16 April 1999
11 of 30
9397 750 04855
© Philips Electronics N.V. 1999. All rights reserved.
8.6.6
CLKOUT frequency register
8.6.7
Countdown timer registers
The Timer register is an 8-bit binary countdown timer. It is enabled and disabled via
the Timer control register bit TE. The source clock for the timer is also selected by the
Timer control register. Other timer properties, e.g. interrupt generation, are controlled
via the Control/status 2 register. For accurate read back of the countdown value, the
I2C-bus clock SCL must be operating at a frequency of at least twice the selected
timer clock.
Table 23: CLKOUT frequency register bits description (address 0DH)
Bit
Symbol
Description
7
FE
FE = 0; the CLKOUT output is inhibited and the CLKOUT output is
set to high-impedance. FE = 1; the CLKOUT output is activated.
6to2
not implemented
1
FD1
These bits control the frequency output (fCLKOUT) on the CLKOUT
pin; see Table 24.
0
FD0
Table 24: CLKOUT frequency selection
FD1
FD0
fCLKOUT
0
0
32.768 kHz
0
1
1 024 Hz
1
0
32 Hz
11
1 Hz
Table 25: Timer control register bits description (address 0EH)
Bit
Symbol
Description
7
TE
TE = 0; timer is disabled. TE = 1; timer is enabled.
6to2
not implemented
1
TD1
Timer source clock frequency selection bits. These bits determine
the source clock for the countdown timer, see Table 26. When not
in use, TD1 and TD0 should be set to ‘11’ (1
60 Hz) for power
saving.
0
TD0
Table 26: Timer source clock frequency selection
TD1
TD0
Timer source clock frequency (Hz)
0
0
4096
01
64
10
1
11
1
60
Table 27: Timer countdown value register bits description (address 0FH)
Bit
Symbol
Description
7 to 0
<timer countdown value>
This register holds the loaded countdown value ‘n’.
Countdown period
n
Source clock frequency
----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com