Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3321 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Type 3320
3 | 22
Visit product website 
1.
General technical data
Note:
• AG2: Actuator size 2 with a nominal force of 1300 or 2500 N for seat size 15…50
• AG3: Actuator size 3 with a nominal force of 7700 or 10000 N for seat size 40…80
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 6.
Material
Further information can be found in chapter “3. Materials” on page 5.
Design
Angle seat on/off valve
Nominal diameter
DN 15…80, NPS ½…3
Safety setting in case of power failure With SAFEPOS energy-pack: open, closed or freely programmable
Without SAFEPOS energy-pack: blocked in last position
Flow direction
Against closing direction (below seat)
Weight
Actuator depending on version up to:
AG2: 5.5 kg
AG3: 16 kg
(Total weight including valve body depending on port connection)
Performance data
Operating pressure
0…25 bar(g) (see “5.1. Fluidic data” on page 13)
Vacuum version up to - 0.9 bar(g) (optional)
Nominal pressure
PN 25 (DIN EN 1333), Class 150 (DIN EN 1759)
K
V value
5.0…140 m3/h (see “5.1. Fluidic data” on page 13)
Closing time1.)
AG2: 2.3…6.6 s
AG3: 8.7 s
(Depending on travel speed, stroke and operating conditions)
Travel speed1.)
6 mm/s (for AG2 actuator force 1300 N)
4 mm/s (for AG2 actuator force 2500 N)
3 mm/s (for AG3 actuator load 7700 N and 10000 N)
(Depending on operating conditions)
Electrical data
Operating voltage
24 V DC ± 10 % (max. residual ripple 10 %)
Operating current1.)
AG2: Max. 3 A (at max. load and including 1 A charging current of the optional SAFEPOS
energy-pack). At minimum operating temperature additionally 2 A
AG3: Max. 5 A (at max. load and including charging current of the optional SAFEPOS
energy-pack). At minimum operating temperature additionally 6 A
Protection class (DIN EN 61140)
3
Duty cycle
100 %
Standby consumption1.)
2…4 W
Communication and control
Standard signals (analogue)
0…5 V (log. 0)
10…30 V (log. 1)
Fieldbus (digital)
Bürkert system bus (büS) (Standard)
CANopen (optional)
EtherNet/IP, PROFINET, Modbus/TCP (optional via integrated gateway)
Media data
Process medium
Steam, neutral gases, water, alcohols, oils, fuels, hydraulic fluids, salt solutions, lyes, organ-
ic solvents, oxygen (optional)
Medium temperature
- 40…+ 230 °C (see “5.2. Operating limits” on page 14)
Viscosity
Up to 600 mm²/s
Process/Port connection & communication
Port connection2.)
Welded connection
DIN EN ISO 1127/ISO 4200/DIN11866 B
DIN 11850 2/DIN 11866 A
ASME BPE/DIN 11866 C
SMS 3008
Clamp connection
DIN 32676 B (pipe ISO 4200)
DIN 32676 A (pipe DIN 11850 2)
ASME BPE
Threaded connection
G (EN ISO 228 - 1)
Rc (ISO 7/1/DIN EN 10226 - 2)
NPT (ASME B 1.20.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com