Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Type 3320
13 | 22
Visit product website 
5.
Performance specifications
5.1. Fluidic data
Overview of flow characteristics with flow below seat
Note:
• K
V value [m
3
/h]: Measured with water acc. to DIN EN 60534 - 2 - 4
• Operating limits, see “5.2. Operating limits” on page 14
Nominal diameter (Pipe)
Actuator force1.)
Operating pressure
K
V value
Seat seal
PTFE (up to + 130 °C) PEEK (up to + 230 °C)
DN
NPS
[N]
[bar(g)]
[m3/h]
15
½2.)
1300
25
25
5
20
¾2.)
11
25
12.)
18
32
1¼2.)
1300
16
16
31
2500
25
25
40
1½2.)
1300
10
10
42
2500
18
18
7700
–
25
50
22.)
1300
6
6
62
2500
10
10
7700
–
25
65
2½2.)
10000
–
25
95
80
32.)
10000
–
17
140
1.) AG2: Actuator size 2 with a nominal force of 1300 or 2500 N
AG3: Actuator size 3 with a nominal force of 7700 or 10000 N
2.) Deviation for line connections according to ASME BPE: the next larger nominal connection size is used, e.g. NPS 1 instead of NPS ¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com